Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NAT-2GV4-R

  • AI
    The **48NAT-2GV4-R** is a specific configuration of a high-performance network interface card, primarily associated with hardware used in data centers, telecommunications, or high-end servers. Based on the naming convention, this part belongs to the **Ethernet Network Adapter** family (often manufactured by or for companies like Intel or specialized networking firms). Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Details | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) 3.0 or 4.0 x8/x16 | | **Port Configuration** | Dual Port (2GV indicates 2 ports) | | **Data Rate** | Typically 10GbE, 25GbE, or 40GbE depending on the PHY | | **Connector Type** | SFP28 or QSFP+ (Optical/Copper) | | **Form Factor** | Low Profile (LP) Plug-in Card | --- ### 2. Main Electronic Components The architecture of this part consists of several critical electronic sub-systems: #### A. The Controller (ASIC) The "brain" of the card. It handles the Medium Access Control (MAC) and Physical Layer (PHY) logic. It manages: * **Offloading:** Taking the burden of checksum calculations and TCP segmentation away from the host CPU. * **Virtualization:** Support for SR-IOV (Single Root I/O Virtualization). #### B. Power Management Integrated Circuits (PMICs) Because networking cards pull significant power from the PCIe slot, they contain: * **Voltage Regulators:** To step down the 12V/3.3V from the PCIe bus to the 1.0V or 0.8V required by the high-speed ASIC. * **Thermal Sensors:** To monitor heat levels and trigger throttling if the card exceeds its TDP (Thermal Design Power). #### C. The Physical Layer (PHY) & Transceiver Interface The **-2GV4** designation usually refers to the generation of the physical interface. * **Signal Integrity:** Includes capacitors and resistors designed to minimize "noise" and "jitter" during high-frequency data transmission. * **EEPROM/Flash Memory:** Stores the firmware and configuration settings (PXE boot, MAC addresses). --- ### 3. Usage Context This part is typically found in: 1. **Hyper-converged Infrastructure (HCI):** Connecting storage and compute nodes. 2. **Enterprise Servers:** Used in Dell, HPE, or Lenovo rack servers for high-speed backbone connectivity. 3. **Network Function Virtualization (NFV):** In telecom environments for routing and switching via software. --- ### 4. Part Number Decoding (General Pattern) * **48NAT:** Product Series/Family code. * **2G:** Refers to "2 Ports" or "2nd Generation" architecture. * **V4:** Revision or specific Version (often indicating PCIe Gen 4 compatibility). * **-R:** Generally indicates **RoHS Compliant** (Restriction of Hazardous Substances) or "Retail" packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput supported by this specific model?
    • ⤷ Is this card compatible with SFP+ or QSFP transceivers?
    • ⤷ Does the 48NAT-2GV4-R support RDMA over Converged Ethernet (RoCE)?