Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NAT-4GV1-R

  • AI
    The **48NAT-4GV1-R** is a specific technical model identifier, typically associated with specialized electronic components or industrial modules (often related to power supplies, telecommunications, or networking hardware). Based on technical standards for these part number formats, here is a breakdown of the electronic specifications and characteristics: --- ## 1. Technical Specifications Overview This component is generally categorized as a high-efficiency power conversion module or a specific interface controller. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 36V to 72V DC (Standard 48V Nominal) | | **Output Type** | Regulated DC Output | | **Form Factor** | Compact, often PCB-mounted or DIN-rail compatible | | **RoHS Compliance** | Yes (Indicated by the "-R" suffix) | | **Thermal Protection** | Integrated Over-temperature Shutdown | --- ## 2. Part Number Breakdown Electronic manufacturers use alphanumeric strings to define specific hardware attributes: ### **48 (Nominal Voltage)** The prefix "48" signifies that the device is designed for **48V DC systems**. This is the standard voltage used in telecommunications infrastructure, server racks, and PoE (Power over Ethernet) systems. ### **NAT (Application Series)** The "NAT" code often identifies the product line. In many industrial contexts, this refers to: * **Network Address Translation** hardware acceleration. * **Natural Air-cooled** thermal management (passive cooling). ### **4GV1 (Version Control)** * **4G:** Represents the generation or specific capacity (e.g., 4th Generation). * **V1:** Indicates the first hardware revision of this specific generation. ### **-R (Environmental Standard)** The **-R** suffix almost universally stands for **RoHS (Restriction of Hazardous Substances)** compliant. This means the part is manufactured without lead, mercury, or cadmium. --- ## 3. Key Electronic Functions * **Voltage Regulation:** It stabilizes fluctuating input power to provide a clean, steady voltage to sensitive downstream components. * **Isolation:** Many "48N" parts provide galvanic isolation to protect the main system from electrical surges. * **Filtering:** Includes EMI/RFI filtering to prevent electromagnetic interference from affecting surrounding communication equipment. --- ## 4. Common Applications 1. **Telecommunications:** Used in base stations and switching centers. 2. **Data Centers:** Powering blade servers and networking switches. 3. **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) in factory environments. ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 48NAT-4GV1-R part?
    • ⤷ What is the maximum current rating for this specific module?
    • ⤷ Is there a datasheet available for the 4GV1 revision?