48NAT-4RH4-R
AI

The part number **48NAT-4RH4-R** typically refers to a high-density, small-form-factor **magnetic connector or an RJ45 modular jack assembly**, often integrated with internal magnetics (MagJack). These components are critical in networking hardware to provide physical connectivity and electrical isolation.
---
### 1. Component Specifications
The following table outlines the general technical characteristics associated with this class of electronic parts:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RJ45 Connector with Integrated Magnetics (MagJack) |
| **Port Configuration** | 1x4 (4 Ports) or specific stacked/ganged orientation |
| **Speed/Performance** | Typically 10/100/1000 Base-T (Gigabit Ethernet) |
| **Mounting Type** | Through-hole (THT) or Right Angle |
| **LED Indicators** | Often includes integrated status LEDs (Green/Yellow) |
| **Shielding** | EMI/RFI Shielding with Metal Housing |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Internal Functions
Components like the 48NAT-4RH4-R serve three primary electronic roles:
1. **Isolation:** The internal transformers provide galvanic isolation (usually up to 1500Vrms) to protect sensitive PHY chips from voltage surges on the network cable.
2. **Impedance Matching:** Ensures that the characteristic impedance of the differential pairs matches the 100-ohm standard of Ethernet cabling, reducing signal reflection.
3. **Noise Filtering:** Integrated common-mode chokes filter out electromagnetic interference (EMI) to ensure data integrity and compliance with FCC/CE regulations.
---
### 3. Pinout and Physical Layout
While specific datasheets can vary by manufacturer (such as HanRun or Pulse Electronics), the standard "4RH4" designation often indicates:
* **R:** Right-angle orientation for PCB mounting.
* **H4:** Refers to a specific height or housing profile.
* **NAT:** Usually denotes a "Natural" or specific plastic housing material/color.
```cpp
// Example: Schematic representation of an RJ45 MagJack
[RJ45 Port] <---> [Internal Transformer/Choke] <---> [PHY Chip Interface]
(Cable) (Isolation & Filtering) (On PCB)
```
---
### 4. Common Applications
* **Industrial Switches:** Ruggedized multi-port networking gear.
* **Telecommunications:** Routers, gateways, and base station equipment.
* **Embedded Systems:** Single-board computers requiring integrated networking.
- ⤷
What is the standard pinout for a 1x4 MagJack connector?
- ⤷ How do integrated magnetics differ from discrete Ethernet transformers?
- ⤷ What are the common failure modes for RJ45 connectors with magnetics?