Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NAV-2RH5-R

  • AI
    The part number **48NAV-2RH5-R** refers to a specific series of **Rotary Potentiometers (Navigational Switches)**, typically manufactured by companies like **Bourns** or similar specialized electronic component providers. These are often used in automotive, industrial, and consumer electronics for multi-directional menu navigation. --- ### 1. General Specifications The 48NAV series is characterized by its "Navigational" design, combining a rotary encoder function with a joystick-like multi-directional movement. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Rotary Navigational Switch / Encoder | | **Mechanical Axes** | 2-Axis (Up/Down, Left/Right) + Center Push | | **Rotary Function** | Full 360-degree rotation (usually with detents) | | **Terminal Style** | Surface Mount (SMD) or Through-Hole (dependent on suffix) | | **Operating Force** | Precision tactile feedback | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer, the code generally breaks down as follows: * **48NAV**: The Series identifier (Navigational Control). * **2**: Number of axes or specific mechanical configuration. * **RH5**: Refers to the physical height of the actuator/knob or the resistance taper (if it includes a potentiometer element). * **R**: Typically stands for "RoHS Compliant" or "Tape & Reel" packaging. --- ### 3. Key Electronic Functions These components are "Multi-function" devices. A single 48NAV unit usually contains three distinct electrical systems: 1. **Incremental Encoder:** Provides pulses (A and B phases) when the knob is rotated to determine speed and direction. 2. **Directional Switches:** Tactile switches located under the base that trigger when the shaft is tilted in 2 or 4 directions. 3. **Center Push Switch:** An integrated momentary switch triggered by pressing the knob straight down (Select/Enter function). --- ### 4. Typical Applications Because this part integrates many controls into one footprint, it is commonly found in: * **Automotive Dashboards:** Controlling GPS maps, climate control, or media volume. * **Medical Equipment:** Navigating complex software interfaces on portable devices. * **Gaming Controllers:** Specialized D-pads or menu selectors. * **Industrial Remotes:** Operating machinery menus with a single thumb. --- ### 5. Wiring Diagram Logic (Example) The pinout for such a device generally follows this logic: ```c Pin 1: Common Ground Pin 2: Channel A (Encoder) Pin 3: Channel B (Encoder) Pin 4: Push-Button Switch Pin 5: Directional North/South Pin 6: Directional East/West ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific footprint size for the 48NAV series?
    • ⤷ Is the 48NAV-2RH5-R available in through-hole or only SMD?
    • ⤷ What is the rated rotational life in cycles for this component?