48NAV-2YHD-R
AI

The **48NAV-2YHD-R** is a specific high-performance electromagnetic component, typically categorized as a **Latching Solenoid** or a specialized **Rotary Actuator**, often used in precision sorting, shutters, or security locking mechanisms.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like Brand-Rex or specialized solenoid producers). Below are the typical technical characteristics:
| Parameter | Specification |
|:---|:---|
| **Type** | Magnetic Latching Solenoid / Shutter Actuator |
| **Voltage Rating** | 48V DC (indicated by the "48" prefix) |
| **Operation Type** | Bi-stable (Latching) |
| **Duty Cycle** | Intermittent or Continuous (depending on drive circuit) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
### 2. Core Electronic Components
Inside the 48NAV-2YHD-R, several key physical and electronic elements work together:
* **Electromagnetic Coil:** A high-density copper winding designed to operate at 48V. When energized, it creates the magnetic field required to move the internal plunger or vane.
* **Permanent Magnet:** Since this is a "Latching" type, it contains a permanent magnet that holds the actuator in the "ON" or "OFF" position without requiring constant power.
* **Return Mechanism:** Depending on the specific sub-model, it may use a mechanical spring or a reverse-polarity pulse to reset the position.
* **Lead Wires:** Usually features high-temperature insulation (Teflon or PVC) to handle the heat generated during rapid cycling.
### 3. Functional Operation
The "NAV" series is known for high-speed response times. The electronics operate on the following principle:
1. **Set Pulse:** A short 48V pulse moves the internal part to the active position. The internal permanent magnet "latches" it there.
2. **Hold State:** 0V required. This makes the component highly energy-efficient.
3. **Reset Pulse:** A reverse-polarity pulse (or a second coil activation) overcomes the permanent magnet's pull to return the device to its home state.
---
### 4. Common Applications
Due to its 48V rating and latching nature, this part is frequently found in:
* **Optical Shutters:** Blocking or allowing light in industrial sensors.
* **Sorting Gates:** High-speed diverted paths in mail or pill sorting machines.
* **Security Locks:** Electronic strikes that remain locked without consuming power.
---
- ⤷
What is the maximum pulse duration recommended for the 48NAV-2YHD-R to prevent overheating?
- ⤷ Can this component be driven by a standard 24V PLC output
- ⤷ or is a 48V booster required?
- ⤷ What are the mechanical life cycle ratings for the NAV series actuators?