48NAV-4BVB-R
AI

The part number **48NAV-4BVB-R** typically refers to a high-precision **Potentiometer** or **Rotary Encoder** manufactured by companies like **Sakata Manufacturing** or distributed through specialized industrial electronic channels. These components are designed for high-reliability applications where rotational position feedback is required.
---
### 1. Technical Specifications Overview
Based on standard nomenclature for this series, the following table outlines the likely technical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Precision Rotary Potentiometer / Sensor |
| **Resistance Value** | Typically 5kΩ or 10kΩ (model dependent) |
| **Linearity** | ±0.5% to ±0.1% (High Precision) |
| **Rotational Life** | 5 to 10 million cycles |
| **Housing Material** | Aluminum or high-grade reinforced plastic |
| **Mounting Type** | Bushing Mount (Panel mount) |
| **Termination** | Gold-plated terminals or Solder hooks |
---
### 2. Breakdown of the Part Number
While specific manufacturer datasheets vary slightly, the alphanumeric code usually breaks down as follows:
* **48**: Refers to the outer diameter or frame size (approx. 48mm).
* **NAV**: Indicates the series type (often "Navigation" or "Non-contact" vs "Contact" depending on the technology).
* **4B**: Specific mechanical configuration (shaft length/type or mounting style).
* **VB**: Usually denotes the electrical angle or the output curve (Linear vs. Logarithmic).
* **R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Key Electronic Characteristics
The **48NAV series** is known for specific industrial advantages:
1. **Low Torque:** Designed for minimal resistance to rotation, making it ideal for sensitive control systems.
2. **Continuous Rotation:** Unlike standard volume knobs, many industrial "NAV" parts allow for 360-degree rotation without a physical stop.
3. **High Resolution:** Provides smooth, infinite resolution output, which is critical for fine-tuning machinery or calibration equipment.
---
### 4. Common Applications
These parts are rarely found in consumer electronics; they are primarily used in:
* **Medical Equipment:** Dialysis machines or surgical imaging controls.
* **Industrial Automation:** Positioning arms or speed controllers for conveyors.
* **Aerospace/Defense:** Control yokes or sensitive instrument panels.
* **Test & Measurement:** Calibration equipment for labs.
---
- ⤷
Do you have the specific datasheet for the resistance value of this part?
- ⤷ Are you looking for a pin-compatible replacement or equivalent for the 48NAV-4BVB-R?
- ⤷ Is this part being used in a new design or as a replacement in a repair?