AI

The part number **48NAVA-2GVCD-R** typically refers to a specialized electronic assembly, often associated with high-performance cooling solutions or specific telecommunications power modules. Based on industrial nomenclature, this part is commonly identified as a **high-pressure DC axial fan** or a related thermal management component.
Below is a breakdown of the electronic characteristics and specifications.
### Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | DC Axial Fan / Cooling Module |
| **Nominal Voltage** | 48V DC |
| **Voltage Range** | 36V – 72V DC |
| **Input Power** | High-wattage (optimized for servers/telecom) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Material** | Aluminum Frame / PBT Plastic Impeller |
| **Termination** | Lead Wires (often with a connector suffix) |
---
### Key Electronic Features
#### 1. Brushless DC (BLDC) Motor
The core of this component is a 3-phase brushless motor. Unlike brushed motors, these use an electronic controller to switch currents, resulting in:
* **Higher Efficiency:** Reduced heat generation within the motor.
* **EMI Suppression:** Lower electromagnetic interference, critical for sensitive electronics.
#### 2. Control & Monitoring Signals
The "VCD" or "R" designations in these part numbers often signify specific electronic feedback loops:
* **Tachometer (Frequency Generator):** A signal wire that outputs a square wave proportional to the fan speed, allowing the system to monitor RPM.
* **PWM (Pulse Width Modulation):** Allows the host system to dynamically adjust the fan speed based on thermal demand, saving energy and reducing noise.
* **Locked Rotor Protection:** An internal circuit that cuts power to the motor if the blades are obstructed, preventing the coils from burning out.
#### 3. Environmental Protection
The "-R" suffix usually indicates **RoHS Compliance**, meaning the electronic solder and components are free from lead, mercury, and other hazardous substances.
### Common Applications
* **Data Centers:** Cooling for high-density blade servers.
* **Telecom Base Stations:** Thermal management for 48V power supply units (PSUs).
* **Industrial Inverters:** Dissipating heat from high-power IGBT modules.
---
- ⤷
What is the pinout configuration for the 48NAVA series connectors?
- ⤷ How does PWM control differ from voltage-based speed control in these fans?
- ⤷ What are the specific CFM (airflow) ratings for the 2GVCD variant?