48NDR-0B0-R
AI

The part number **48NDR-0B0-R** typically refers to a specialized **Electromechanical Relay** or a specific **Solenoid/Contactor** assembly, often associated with industrial control systems or automotive applications (frequently found in brands like TYCO, TE Connectivity, or specific industrial manufacturers).
Below is a breakdown of the electronic characteristics and technical specifications generally associated with this series of components.
### 1. Technical Specifications
This component is designed for high-reliability switching. While exact specs can vary by manufacturer, the **48NDR** series generally follows these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Electromechanical Relay / Power Relay |
| **Coil Voltage** | 48V DC (Standard for telecommunications/industrial) |
| **Contact Arrangement** | Form C (SPDT) or Form A (SPST) depending on suffix |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) for arc resistance |
| **Mounting Type** | PCB Mount or Socket Mount |
| **Termination** | Solder Pins or Quick Connect |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown (Nomenclature)
Most industrial relays use a coded system to define their physical and electrical attributes:
* **48**: Represents the **Coil Voltage** (48 Volts DC).
* **NDR**: Refers to the **Series/Construction**. "N" often denotes a standard sensitive coil, and "DR" usually indicates a Dust-proof or Sealed construction.
* **0B0**: This is a specific **Contact Rating/Configuration** code, defining the material of the internal switch and the pin layout.
* **-R**: Stands for **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead.
---
### 3. Key Electronic Functions
The 48NDR-0B0-R functions as an electrically operated switch. It uses a low-power signal (48V) to control a much higher power circuit.
1. **Isolation**: It provides galvanic isolation between the control circuit (the coil) and the load circuit (the contacts).
2. **Switching**: When 48V is applied to the coil, an electromagnetic field pulls an armature to close or open the electrical contacts.
3. **Durability**: Designed to handle thousands of cycles under electrical load, featuring specialized contact coatings to prevent "welding" or oxidation.
---
### 4. Common Applications
* **Telecommunications**: Power distribution units requiring 48V logic.
* **Industrial Automation**: Used in PLCs (Programmable Logic Controllers) to trigger motors or heaters.
* **Renewable Energy**: Found in solar inverters or battery management systems where 48V stacks are common.
- ⤷
What is the maximum current rating for the contacts on this relay?
- ⤷ Can this 48V DC relay be triggered by a 24V AC signal?
- ⤷ What are the physical dimensions and pin pitch for PCB mounting?