48NDR-0B5-R
AI

The part number **48NDR-0B5-R** typically refers to a specialized **DC-DC Converter** or a **Power Supply Module** often used in industrial or telecommunications equipment. Below is a breakdown of its technical characteristics and functions.
---
### 1. General Specifications
This component is designed to convert an input voltage (typically from a battery or an unregulated power rail) into a stable, regulated output voltage for sensitive electronic components.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Isolated DC-DC Converter |
| **Input Voltage Range** | Usually 36V to 72V (Standard 48V nominal) |
| **Output Voltage** | Typically 5V DC (indicated by "0B5" or similar coding) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Package/Case** | Compact SIP or DIP Module |
---
### 2. Part Number Breakdown
While manufacturer-specific codes vary slightly, the nomenclature generally follows this logic:
* **48**: Represents the nominal **Input Voltage** (48V DC), common in telecom standards.
* **N**: Often signifies negative logic or a specific isolation type.
* **DR**: Indicates a Dual-in-line or Regulated series.
* **0B5**: Refers to the **Output Voltage** (5V).
* **R**: Generally stands for **RoHS Compliant** (Lead-free).
---
### 3. Key Electronic Functions
1. **Isolation:** Provides electrical isolation between the input and output circuits (often up to 1500V DC). This protects the load from input-side surges and noise.
2. **Regulation:** Maintains a steady 5V output even if the input 48V rail fluctuates.
3. **Efficiency:** These modules typically operate at 75-85% efficiency, reducing heat generation.
4. **Protection:** Includes built-in features such as:
* Short Circuit Protection (SCP)
* Over Voltage Protection (OVP)
* Thermal Shutdown
---
### 4. Common Applications
Due to the 48V input standard, this part is frequently found in:
* **Telecommunications:** Powering logic boards from 48V battery banks.
* **Data Centers:** Distributed power architectures.
* **Industrial Automation:** Control systems requiring isolated power for sensors or microcontrollers.
---
- ⤷
Who is the primary manufacturer of the 48NDR-0B5-R module?
- ⤷ What is the maximum current output for this specific DC-DC converter?
- ⤷ Can this part be used in automotive applications with a 12V battery?