48NDR-0BF-R
AI

The part number **48NDR-0BF-R** typically refers to a high-density, small-form-factor **receptacle connector**, commonly used in networking and telecommunications hardware (such as SFP/QSFP cages or specialized board-to-board interfaces).
Below is a breakdown of the electronic and mechanical specifications for this type of component.
---
### 1. General Specifications
This part is designed for high-speed signal integrity and space-saving on Printed Circuit Boards (PCBs).
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-Density Connector / Receptacle |
| **Mounting Type** | Surface Mount (SMT) or Press-fit (depending on exact series) |
| **Number of Positions** | Typically 48-pin (indicated by the '48' prefix) |
| **Orientation** | Right-Angle or Vertical (model specific) |
| **Plating** | Gold (Au) over Nickel (Ni) for high conductivity |
### 2. Key Technical Attributes
#### A. Signal Integrity
* **Differential Pairs:** Designed to handle high-speed data rates (often supporting 10Gbps to 28Gbps+ per channel).
* **Impedance Matching:** Usually tuned to **100 Ohms** differential impedance to minimize signal reflection in networking applications.
#### B. Material Composition
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Contacts:** Copper alloy for superior mechanical strength and electrical flow.
* **Shielding:** Metal EMI (Electromagnetic Interference) shielding is often integrated to prevent crosstalk.
#### C. Environmental Standards
* **RoHS Compliant:** The "-R" suffix usually denotes compliance with "Restriction of Hazardous Substances" (Lead-free).
* **Operating Temperature:** Generally rated for **-40°C to +85°C**.
---
### 3. Applications
These parts are integral to the following systems:
1. **Network Switches/Routers:** Connecting daughtercards to backplanes.
2. **Server Storage:** High-speed data transfer between controllers and drive arrays.
3. **Optical Modules:** Serving as the electrical interface for SFP/QSFP transceivers.
---
### 4. Dimensional Example (Typical)
```json
{
"pitch": "0.5mm or 0.8mm",
"mating_cycles": 100,
"voltage_rating": "30V AC/DC",
"current_rating": "0.5A per pin"
}
```
- ⤷
What is the exact pitch measurement for the 48NDR series?
- ⤷ Are there alternative through-hole versions of this connector?
- ⤷ Which manufacturer produces the 48NDR-0BF-R model?