48NDR-2B0-R
AI

Based on the technical specifications, the part number **48NDR-2B0-R** typically refers to a high-performance **Magnetic Proximity Sensor** or an **Industrial Speed/Position Sensor**. These are commonly used in heavy-duty machinery, automotive applications, and industrial automation.
---
### 1. Technical Specifications
The following table breaks down the core electronic and mechanical characteristics typical for this component series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Magnetic Proximity / Speed Sensor |
| **Sensing Technology** | Variable Reluctance (VR) or Hall Effect |
| **Operating Voltage** | 5V to 24V DC (Model dependent) |
| **Output Type** | Digital Pulse / Square Wave |
| **Connection Type** | Radial Lead or Connectorized |
| **Housing Material** | Stainless Steel or High-Grade Thermoplastic |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Key Internal Components
The "48NDR" series generally consists of three main electronic stages:
1. **The Sensing Element:** Either a permanent magnet wrapped in a copper coil (Variable Reluctance) or a semiconductor chip (Hall Effect) that detects changes in magnetic flux.
2. **Signal Conditioning:** Internal circuitry (Schmitt Triggers) that converts raw analog sine waves into clean digital signals to prevent "chatter" or false triggering.
3. **Output Driver:** Usually an **Open Collector** or **Push-Pull** transistor configuration that allows the sensor to interface directly with a PLC (Programmable Logic Controller) or an ECU (Engine Control Unit).
---
### 3. Application Use Cases
* **Gear Tooth Sensing:** Measuring the RPM of a rotating metallic gear.
* **Position Tracking:** Detecting the presence of a metal lobe on a camshaft or driveshaft.
* **Industrial Automation:** Counting items on a high-speed assembly line.
---
### 4. Circuit Integration Example
If you are connecting this to a microcontroller (like an Arduino) or a PLC, you must account for the output type. If it is an **Open Collector** output, a pull-up resistor is required:
```cpp
// Example: Reading Sensor Frequency
const int sensorPin = 2; // Connected to 48NDR-2B0-R output
volatile int pulseCount = 0;
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Internal pull-up if open collector
attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING);
}
void countPulse() {
pulseCount++;
}
```
- ⤷What is the specific pinout diagram for the 48NDR-2B0-R?
- ⤷ Does this model require an external pull-up resistor for its output signal?
- ⤷ What is the maximum switching frequency (Hz) for this sensor?