48NDR-2G0-R
AI

The part number **48NDR-2G0-R** typically refers to a specialized **DC-DC Converter** or a power module, often associated with industrial and telecommunications applications. Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Overview
This component is an isolated DC-DC converter designed to step down or regulate voltage in high-density power environments. The "48" usually signifies a nominal input voltage of 48V, which is the standard for telecom and data center power rails.
### 2. Technical Specifications
While specific manufacturers (such as Bel Power, Delta, or Murata) may have slight variations, the standard characteristics for this part class are as follows:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 36V to 75V DC (Nominal 48V) |
| **Output Voltage** | Variable (often 12V or 5V depending on sub-series) |
| **Isolation** | 1500V DC to 2250V DC |
| **Efficiency** | 88% - 94% |
| **Package Type** | Through-hole or SMT (Surface Mount) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Pinout and Internal Functions
The module contains several critical stages to ensure stable power delivery:
* **Input Filter:** Suppresses electromagnetic interference (EMI) and protects against voltage spikes.
* **PWM Controller:** Uses Pulse Width Modulation to regulate the output voltage regardless of input fluctuations.
* **Isolation Barrier:** Uses a transformer to separate the input and output circuits electrically for safety and noise reduction.
* **Rectification & Smoothing:** Converts the high-frequency AC from the transformer back into stable DC.
---
### 4. Key Features
1. **Remote On/Off:** Allows the system to enable or disable the power supply via a logic signal.
2. **Protection Mechanisms:**
* **OCP:** Over-Current Protection.
* **OVP:** Over-Voltage Protection.
* **OTP:** Over-Temperature Protection (Thermal Shutdown).
3. **Compact Footprint:** High power density allows it to fit into tight PCB layouts.
---
### 5. Common Applications
* **Telecommunications:** Powering base stations and switching equipment.
* **Industrial Controls:** Providing regulated power to PLCs and sensors.
* **Networking:** Powering routers and high-speed switches.
* **Distributed Power Architectures (DPA):** Acting as an intermediate bus converter.
- ⤷
Which manufacturer produces the 48NDR-2G0-R specifically?
- ⤷ What are the specific pin dimensions for PCB mounting?
- ⤷ Can this module be used in parallel for higher current requirements?