48NDR-4BE-R
AI

The part number **48NDR-4BE-R** corresponds to a specific configuration of a **Solid State Relay (SSR)**, typically manufactured by companies like **Gefran** (specifically within their GRS series). These devices are used for high-speed, contactless switching of electrical loads.
---
### ## 1. Part Number Breakdown
The alphanumeric code identifies the technical specifications and physical build of the unit:
| Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **48** | Voltage Rating | Rated for up to 480 VAC |
| **N** | Switching Type | Zero-crossing switching (Standard for resistive loads) |
| **DR** | Mounting Type | DIN Rail mounting with integrated heat sink |
| **4** | Current Rating | Rated for 40 Amperes |
| **BE** | Control Signal | Logic control (often 6-32 VDC) |
| **R** | Special Feature | Built-in fuse holder or specific terminal layout |
---
### ## 2. Core Technical Specifications
This component is designed to manage industrial heating or motor loads. Key characteristics include:
* **Switching Method:** Zero-crossing. This means the relay waits for the AC voltage to hit 0V before turning on, which minimizes electromagnetic interference (EMI).
* **Cooling:** It features an integrated extruded aluminum heat sink to dissipate heat generated during high-current operations.
* **Isolation:** Optical isolation between the input (control) and output (power) circuits to protect sensitive PLCs or controllers.
* **LED Indicators:** Usually includes a status LED to show when the input signal is active.
---
### ## 3. Common Applications
Due to its 40A rating and DIN rail form factor, this part is commonly found in:
1. **Plastic Extrusion:** Controlling heater bands.
2. **Packaging Machinery:** Managing heat-sealing elements.
3. **Industrial Ovens:** Precise temperature control via PID loops.
4. **HVAC Systems:** Switching electric boiler elements.
---
### ## 4. Wiring Diagram Concept
Below is a simplified representation of how the terminals are typically arranged:
```text
[ CONTROL SIDE ] [ LOAD SIDE ]
(Logic Signal From PLC) (Main Power Line)
+-----------+ +-----------+
| Term 3 (+) | <--- VDC In | Term 1 (L1)| <--- Phase
| Term 4 (-) | <--- Ground | Term 2 (T1)| <--- To Load
+-----------+ +-----------+
```
---
- ⤷What is the difference between zero-crossing and random-fire switching for this SSR?
- ⤷ Can this model be used to control a 3-phase motor load?
- ⤷ What type of protection fuse is recommended for a 40A SSR?