Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NDR-4G3-R

  • AI
    The part number **48NDR-4G3-R** typically refers to a specialized **Electromagnetic Relay** (often associated with automotive or industrial control applications). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is an electromechanical switch. It uses a small electrical current to create a magnetic field, which physically moves contacts to complete or interrupt a much larger current circuit. ### 2. Technical Specifications While specific datasheets can vary by manufacturer (such as Fujitsu or American Zettler), the alphanumeric code generally breaks down as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Coil Voltage** | 48V DC | The voltage required to activate the relay coil. | | **Contact Form** | SPST / SPDT | Typically Single Pole Double Throw or Single Pole Single Throw. | | **Mounting Type** | Through-Hole (PCB) | Designed to be soldered directly onto a Printed Circuit Board. | | **Construction** | Sealed / Plastic Tough | Usually "R" indicates RoHS compliance or a specific sealing type. | | **Contact Rating** | ~20A - 45A | High current capacity for switching heavy loads. | ### 3. Key Electronic Components The internal architecture of the 48NDR-4G3-R consists of: * **The Coil:** A copper wire winding. When 48V is applied, it acts as an electromagnet. * **The Armature:** A moving lever that responds to the magnetic field. * **The Spring:** Returns the armature to its original position when power is removed. * **Contacts:** Made of silver alloy (e.g., AgSnO2) to resist "arcing" and welding under high current loads. ### 4. Common Applications Due to its 48V coil rating, this part is frequently found in: 1. **Telecommunications:** Power distribution for 48V rack systems. 2. **Electric Vehicles (EVs):** Controlling auxiliary systems in 48V battery architectures. 3. **Industrial Automation:** Interface switching between PLC controllers and heavy machinery. --- ### 5. Circuit Symbol Representation In a schematic, this part would be represented by a coil symbol and a switch contact: ```mermaid graph LR A[Coil +] --- B(Electromagnet) B --- C[Coil -] D[Common] --- E{Switch} E --- F[Normally Open] E --- G[Normally Closed] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the 48NDR series?
    • ⤷ How does the 'R' suffix affect the environmental sealing of the relay?
    • ⤷ Are there 12V or 24V equivalents for this specific footprint?