Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NDT-2R5-R

  • AI
    The **48NDT-2R5-R** is a specific type of electronic component, typically categorized as a **DC-DC Converter module**. These parts are designed to convert a source of direct current (DC) from one voltage level to another, providing regulated power to sensitive electronic circuits. Below is a detailed breakdown of its specifications and characteristics. ### 1. General Specifications The part number usually follows a specific nomenclature common in power electronics (often associated with brands like Eaton or specialized power manufacturers). | Feature | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter | | **Input Voltage Range** | Typically 36V to 72V DC (Nominal 48V) | | **Output Voltage** | 2.5V DC | | **Configuration** | Through-hole or SMT (Module) | | **Isolation** | Input-to-Output Galvanic Isolation | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Key Technical Features * **High Efficiency:** Designed to minimize power loss as heat, often exceeding 85-90% efficiency. * **Voltage Regulation:** Maintains a steady 2.5V output even if the input voltage fluctuates between the 36V-72V range. * **Isolation:** Provides a barrier (usually 1500V DC or higher) between the input source and the output load to protect sensitive downstream components. * **Protection Circuits:** Usually includes: * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. * **UVLO:** Under-Voltage Lockout (prevents operation if input is too low). --- ### 3. Pinout and Physical Characteristics While physical dimensions can vary by manufacturer series, these modules generally follow a standard brick format (like 1/16th or 1/8th brick). | Pin Name | Function | | :--- | :--- | | **Vin+ / Vin-** | Positive and Negative Input terminals. | | **Vout+ / Vout-** | Regulated 2.5V Output terminals. | | **Remote On/Off** | Allows a microcontroller to enable/disable the converter. | | **Trim** | Allows slight adjustment of the output voltage via a resistor. | --- ### 4. Typical Applications * **Telecommunications:** Powering 48V rail systems common in telecom racks. * **Industrial Automation:** Converting 48V industrial bus power to low-voltage logic levels (2.5V) for FPGAs or DSPs. * **Networking:** Supplying power to routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current rating for the 48NDT-2R5-R?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What are the thermal derating considerations for this module?