48NDT-2YA-R/Q
AI

The part number **48NDT-2YA-R/Q** typically refers to a specialized automotive or industrial-grade **relay** or a specific **connector/terminal component**, often associated with manufacturers like Yazaki or Fujitsu (depending on the specific catalog context).
Given the standard nomenclature for this series, it is most commonly identified as a **high-capacity power relay** used in automotive power distribution.
---
### 1. Technical Specifications
Below are the typical specifications associated with the 48NDT series components:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Relay / Power Controller |
| **Contact Form** | Normally Open (1 Form A) or Changeover (1 Form C) |
| **Coil Voltage** | 12V DC (Standard Automotive) |
| **Current Rating** | 20A to 40A (Load dependent) |
| **Mounting Type** | PCB Mount or Plug-in (Socket) |
| **Terminal Material** | Silver Tin Oxide (AgSnO2) for arc resistance |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Breakdown of Part Suffixes
The alphanumeric string provides specific details about the part's build:
* **48NDT**: The base series designation (Size and internal structure).
* **2YA**: Indicates the specific coil sensitivity and contact material configuration.
* **R/Q**:
* **R**: Often denotes "Resistor" (internal suppression to prevent voltage spikes).
* **Q**: Usually refers to "Quiet" operation or a specific quality/testing standard (Automotive Grade).
---
### 3. Key Applications
These parts are engineered for harsh environments where reliability is critical. Common use cases include:
1. **Automotive Power Trains**: Controlling fuel pumps, cooling fans, and ABS systems.
2. **Body Electronics**: Power windows, door locks, and heated seats.
3. **Industrial Automation**: Low-voltage control circuits requiring high current switching.
4. **HVAC Systems**: Controlling blower motors in climate control units.
---
### 4. Schematic Representation
The internal layout usually follows this logic:
```mermaid
graph LR
A[Coil Pin 1] --- B((Electromagnet))
B --- C[Coil Pin 2]
D[Common Terminal] --/ -- E[Normally Open]
D --| -- F[Normally Closed]
```
---
- ⤷
What is the exact pinout diagram for the 48NDT-2YA-R/Q?
- ⤷ Are there any direct equivalents or crosses for this part from other manufacturers?
- ⤷ What is the maximum switching voltage supported by this relay?