48NDT-4B0-R
AI

The **48NDT-4B0-R** is a specific part number typically associated with **RJ45 Ethernet Connectors with integrated Magnetics** (also known as MagJacks). These components are essential in networking hardware, combining the physical connector and the electrical isolation circuitry into a single package.
---
## 1. Technical Specifications
The following table outlines the typical electrical and physical characteristics of this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Connector with Integrated Magnetics |
| **Port Configuration** | 1x4 (4 Ports, Side-by-Side) |
| **Data Rate** | 10/100 Base-T (Fast Ethernet) |
| **Shielding** | Metal Shielded (EMI Protection) |
| **Mounting Type** | Through-Hole (THT) |
| **Orientation** | Right Angle / Horizontal |
| **Isolation Voltage** | 1500 Vrms |
| **LED Indicators** | Often includes Green/Yellow LEDs (model dependent) |
---
## 2. Key Internal Electronic Components
The "MagJack" architecture integrates several discrete electronic elements inside the metal housing to save PCB space and improve EMI performance:
### A. Isolation Transformers
* **Purpose:** To provide galvanic isolation between the Ethernet cable and the PHY (Physical Layer) chip.
* **Function:** It protects the delicate circuitry of the device from static electricity, surges, and common-mode noise on the network line.
### B. Common Mode Chokes
* **Purpose:** Noise suppression.
* **Function:** These coils filter out electromagnetic interference (EMI) that could radiate from the cable or interfere with the signal integrity of the data transmission.
### C. Terminating Resistors and High-Voltage Capacitors
* **Purpose:** Impedance matching (typically 75 Ohms).
* **Function:** These ensure that the signal does not reflect back (Return Loss), which is critical for maintaining data speeds over long cable runs.
---
## 3. Application and Usage
This specific 4-port configuration is commonly used in multi-port networking equipment where space-saving is a priority.
* **Network Switches:** Used in small office/home office (SOHO) 4-port switches.
* **Industrial Controllers:** Used in PLCs or gateways that require multiple Ethernet connections.
* **Multi-port Servers:** Found on motherboards or expansion cards requiring multiple LAN interfaces.
---
## 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as **UDE** or **Pulse**), the suffix codes generally follow this logic:
* **48:** Series designator.
* **NDT:** Specific internal wiring schematic (Pinout).
* **4B0:** 4-port count and mechanical housing style.
* **R:** RoHS Compliant (Lead-free).
---
- ⤷
What is the pinout configuration for the 48NDT series magnetics?
- ⤷ How does integrated magnetics compare to using discrete transformers on a PCB?
- ⤷ Are there 1000 Base-T (Gigabit) versions of the 4-port RJ45 connectors?