48NDV-2GD-R/Q
AI

The part number **48NDV-2GD-R/Q** refers to a high-density, automotive-grade memory component, specifically a **LPDDR4 (Low Power Double Data Rate 4)** SDRAM module manufactured by **Micron Technology**.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | LPDDR4 SDRAM |
| **Density** | 16 Gb (2 GB) |
| **Configuration** | 512 Meg x 32 (Split into 2 channels x 16 bits) |
| **Clock Frequency** | Up to 1600 MHz (3200 MT/s) |
| **Operating Voltage** | VDD1: 1.8V / VDD2: 1.1V / VDDQ: 1.1V |
| **Operating Temperature** | Automotive Grade (-40°C to +105°C) |
| **Package Type** | 200-ball VFBGA |
---
### 2. Part Number Decoder
While Micron's internal nomenclature can be complex, the suffixing typically indicates the following:
* **48N**: Refers to the specific LPDDR4 family and architecture.
* **DV**: Designates the specific die revision or internal silicon variant.
* **2GD**: Indicates the capacity (2 Gigabytes).
* **-R/Q**: These are the "Speed" and "Package" qualifiers.
* **R** usually denotes the cycle time or timing bin.
* **Q** often signifies "Automotive Certified" or "AEC-Q100" compliance.
---
### 3. Key Features
1. **Low Power Consumption:** Designed for mobile and embedded applications, utilizing low-voltage swing logic to minimize battery drain.
2. **High Bandwidth:** By using a dual-channel architecture (16-bit per channel), it allows for high-speed data transfer required for modern infotainment and ADAS (Advanced Driver Assistance Systems).
3. **Automotive Reliability:** The "Q" designation ensures the part has undergone rigorous stress testing to handle the extreme temperature fluctuations and vibrations found in vehicular environments.
4. **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the high-speed data lines.
---
### 4. Typical Applications
* **In-Vehicle Infotainment (IVI):** Powering high-resolution dashboard displays and GPS systems.
* **ADAS Systems:** Processing real-time data from cameras and sensors for lane-keep assist and collision avoidance.
* **Telematics Control Units (TCU):** Managing vehicle connectivity and over-the-air updates.
- ⤷
What are the pinout differences between the 200-ball and 376-ball LPDDR4 packages?
- ⤷ How does LPDDR4 differ from standard DDR4 in terms of power efficiency?
- ⤷ What is the specific AEC-Q100 grade for this Micron memory part?