AI

The **48NDV-2YA-R/Q** is a high-performance, precision **Electromechanical Relay**, typically manufactured by **Fujitsu** (or its components division). This specific series is widely recognized for its ultra-slim profile and high sensitivity, making it a staple in industrial automation and telecommunications.
---
## 1. Technical Specifications
The part number can be broken down into specific electrical and physical characteristics:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Series** | NY (Slim Type) | High-density mounting design. |
| **Coil Voltage** | 48V DC | Requires 48V to energize the electromagnet. |
| **Contact Form** | 1 Form A (SPST-NO) | One set of Normally Open contacts. |
| **Contact Rating** | 5A @ 250VAC / 30VDC | Maximum switching current/voltage. |
| **Coil Power** | ~120mW | Highly sensitive, low power consumption. |
| **Dielectric Strength** | 3,000VAC | High insulation between coil and contacts. |
| **Mounting Type** | Through-Hole (PCB) | Standard pins for circuit board soldering. |
---
## 2. Key Internal Components
### A. Coil Assembly (The Input)
The **48V DC coil** is the "brain" of the component. When energized, it generates a magnetic field. Because this is a high-sensitivity model, the coil uses very fine copper wiring to ensure it can trigger the switch with minimal current, reducing heat generation on the PCB.
### B. Contact System (The Output)
* **Material:** Usually Gold-overlay silver alloy. The gold plating prevents oxidation, ensuring low contact resistance even when the relay is not cycled frequently.
* **Action:** When the coil is active, the armature moves the moving contact to touch the stationary contact, closing the circuit.
### C. Housing (The Protection)
The "R/Q" designation often refers to environmental sealing or specific compliance standards (like RoHS or UL/CSA safety ratings). The casing is typically a high-temp plastic that allows for **wave soldering** without damaging the internal mechanical alignment.
---
## 3. Applications
Due to its slim 5mm width, this relay is ideal for:
1. **Programmable Logic Controllers (PLCs):** Used as output modules to switch external loads.
2. **Interface Modules:** Acting as a bridge between low-power microcontrollers and high-power industrial machinery.
3. **Temperature Controllers:** Managing heating elements or cooling fans.
4. **Security Systems:** Triggering alarms or magnetic locks.
---
## 4. Design Advantages
* **Space Saving:** Only 5mm wide, allowing for high-density "bank" configurations on a single PCB.
* **High Surge Strength:** Capable of withstanding voltage surges up to 5,000V between coil and contacts.
* **Silent/Reliable:** Designed for millions of mechanical cycles.
- ⤷
What are the equivalent alternative parts for the 48NDV-2YA-R/Q relay?
- ⤷ How does the power consumption of this 48V coil compare to 12V or 24V versions?
- ⤷ What are the common failure modes for slim-type electromechanical relays?