48NDVA-4YA3-R
AI

The part number **48NDVA-4YA3-R** refers to a high-density, automotive-grade high-voltage contactor (DC Relay), typically manufactured by **Fujitsu** (often under the FBR series or specific EV relay lines). These components are critical in Electric Vehicle (EV) and Hybrid Electric Vehicle (HEV) systems for managing battery power.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | High Voltage DC Contactor / Relay |
| **Coil Voltage** | 12V DC (Standard for automotive control) |
| **Contact Arrangement** | 1 Form A (SPST-NO - Single Pole Single Throw, Normally Open) |
| **Max Switching Voltage** | Up to 450V - 500V DC |
| **Continuous Current** | Approx. 40A - 60A (Varies by thermal conditions) |
| **Inrush Current** | Capable of handling high peak loads |
| **Mounting Type** | Through-hole (PCB) or Bolt-on (depending on sub-variant) |
---
### 2. Key Features
* **Arc Extinguishing:** These relays often contain a pressurized gas (like Hydrogen or Nitrogen) or permanent magnets to "blow out" the electric arc that forms when disconnecting high-voltage DC.
* **Compact Design:** Designed for space-constrained Power Distribution Units (PDUs).
* **AEC-Q200 Qualified:** Meets the rigorous stress-testing requirements for automotive electronic components.
* **Polarity Dependency:** Usually features specific + and - terminals for the high-voltage side to optimize arc suppression.
---
### 3. Common Applications
This part is predominantly used in the power management systems of electrified vehicles:
1. **Main Battery Disconnect:** Used to isolate the high-voltage battery from the rest of the vehicle for safety.
2. **On-Board Charger (OBC):** Managing the connection between the charging port and the battery pack.
3. **Pre-charge Circuits:** Limiting inrush current to protect capacitors before the main contactors close.
4. **DC/DC Converters:** Controlling power flow between high-voltage and low-voltage (12V) systems.
---
### 4. Part Number Breakdown (General)
While specific to Fujitsu's internal coding, the suffix **"-R"** typically indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards, ensuring the part is lead-free.
---
- ⤷What is the maximum interrupt current for the 48NDVA series?
- ⤷ How does the gas-filled chamber improve the lifespan of this relay?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Panasonic or TE?