48NDVD-2R-R
AI

The **48NDVD-2R-R** is a specific part number typically associated with **Electromechanical Power Relays**, specifically within the automotive or heavy-duty industrial control sectors. Based on standard naming conventions for relay components, here is a breakdown of its technical characteristics.
---
### 1. Component Overview
The device is a compact, high-current relay designed for Printed Circuit Board (PCB) mounting. It is primarily used to control high-power circuits using a low-power signal.
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Electromechanical Power Relay |
| **Coil Voltage** | 48V DC (Standard) |
| **Contact Arrangement** | DPST (Double Pole Single Throw) or DPDT |
| **Mounting Type** | Through-Hole (PCB) |
| **Standard Load** | Typically 25A - 45A (depending on configuration) |
---
### 2. Part Number Deciphering
While manufacturers (such as Fujitsu or Omron) have proprietary codes, the string **48NDVD-2R-R** generally breaks down as follows:
* **48**: Represents the **Nominal Coil Voltage** (48 Volts DC).
* **ND**: Often indicates the series or physical size/construction (Miniature Power).
* **V/VD**: Indicates the contact material or sealing type (e.g., Plastic Sealed for wave soldering protection).
* **2**: Usually denotes the number of poles (2 Poles).
* **R-R**: Often signifies high-temperature resistance or specific RoHS compliance/packaging requirements.
---
### 3. Key Technical Features
* **High Inrush Current:** Designed to handle significant spikes when starting motors or turning on high-intensity lamps.
* **Compact Footprint:** Engineered for space-saving on dense PCB layouts.
* **Isolation:** Provides high dielectric strength between the coil and the contact circuit to protect low-voltage control logic.
* **Durability:** Rated for thousands of electrical cycles and millions of mechanical operations.
---
### 4. Common Applications
Due to the 48V coil rating, this part is frequently found in:
1. **Telecommunications:** Power distribution units and switching equipment.
2. **Electric Vehicles (EVs):** Control circuits for 48V battery systems.
3. **Industrial Automation:** High-power PLC outputs for motor control.
4. **Renewable Energy:** Solar inverter management and battery storage switching.
---
### 5. Wiring Diagram Logic (Generic)
```text
[COIL] [CONTACTS]
(Pin 1) ---+ (Pin A) ---/ --- (Pin B)
| (48VDC) (Load)
(Pin 2) ---+ (Pin C) ---/ --- (Pin D)
```
- ⤷What is the exact maximum current rating for the 48NDVD-2R-R?
- ⤷ Are there 12V or 24V equivalents available for this specific series?
- ⤷ What is the recommended footprint for soldering this relay to a PCB?