48NV-2BHC-R
AI

The part number **48NV-2BHC-R** typically refers to a high-performance **V-Series DC/DC Converter** manufactured by **Delta Electronics**. These modules are designed for telecommunications, data processing, and industrial applications requiring compact, high-efficiency power conversion.
---
### 1. Key Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 36V to 75V DC (Standard 48V Telecom Input) |
| **Output Voltage** | 12V DC (Standard for "2B" configuration) |
| **Form Factor** | 1/8th Brick or 1/16th Brick (Depending on specific series) |
| **Efficiency** | Up to 93% - 95% |
| **Isolation** | 1500V - 2250V DC |
| **RoHS Compliance** | Yes (Indicated by "-R") |
---
### 2. Part Number Breakdown
To understand the electronic characteristics, we can decode the nomenclature:
* **48**: Represents the nominal **Input Voltage** (48V).
* **N**: Often indicates the series (e.g., **N**ew generation or specific topology).
* **V**: Denotes the **V-Series**, which focuses on high power density and thermal performance.
* **2B**: Usually maps to the **Output Voltage** (e.g., 12V).
* **HC**: Refers to the **Output Current/Power** rating and specific pin configurations (High Current).
* **R**: Indicates **RoHS 6 Compliant** (Lead-free).
---
### 3. Core Electronic Features
#### A. Power Conversion Topology
The module uses a highly efficient synchronous rectification circuit. This minimizes power loss through heat, allowing the part to operate in high-temperature environments with minimal airflow.
#### B. Protection Circuitry
The device includes several built-in safety mechanisms:
* **Over-Current Protection (OCP):** Shuts down or limits current during a short circuit.
* **Over-Voltage Protection (OVP):** Prevents damage to the load if the feedback loop fails.
* **Over-Temperature Protection (OTP):** Thermal sensors shut the unit down if internal temperatures exceed safe limits.
#### C. Control Functions
* **Remote On/Off:** Allows a system controller to enable or disable the power module using logic signals.
* **Trim Function:** Allows the user to adjust the output voltage slightly (usually ±10%) using an external resistor.
* **Remote Sense:** Compensates for voltage drops across the PCB traces between the converter and the load.
---
### 4. Application Areas
* **Networking Gear:** Switches, routers, and optical transport equipment.
* **Servers:** Distributed power architectures in data centers.
* **Industrial:** High-reliability power systems for automation.
- ⤷
What are the exact pinout dimensions for the 48NV-2BHC-R?
- ⤷ How does the 'Trim' function affect the maximum output power?
- ⤷ What is the recommended thermal management strategy for this module?