48NV-2BHD-R
AI

Based on the technical nomenclature, the **48NV-2BHD-R** is a high-performance, industrial-grade **DC-DC Power Converter** (often categorized under Power Modules or Brick Converters).
These components are designed to convert a high-voltage DC source into a regulated, lower-voltage DC output for sensitive electronic circuitry.
---
## Technical Specifications Overview
| Feature | Specification Details |
| :--- | :--- |
| **Input Voltage Range** | Typically 36V to 75V DC (Standard 48V nominal) |
| **Output Voltage** | Usually 12V or 5V (Model specific sub-code) |
| **Form Factor** | Half-Brick or Quarter-Brick size |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Cooling** | Baseplate cooled (often requires a heatsink) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### Key Electronic Sub-Systems
The 48NV-2BHD-R is composed of several critical electronic sections:
1. **Input Filter Stage**:
* Contains capacitors and inductors (Pi-filter) to minimize electromagnetic interference (EMI) and handle reflected ripple current.
2. **Isolation Barrier**:
* Provides galvanic isolation between the input and output sides, protecting the load from input-side surges (typically rated at 1500V - 2250V DC).
3. **PWM Controller**:
* The "brain" of the unit that regulates the duty cycle of the switching MOSFETs to maintain a constant output voltage regardless of load changes.
4. **Synchronous Rectification**:
* Uses high-efficiency MOSFETs instead of diodes on the output stage to reduce heat dissipation and increase efficiency (often >90%).
---
### Decoding the Part Number
While manufacturers vary slightly, the nomenclature generally breaks down as follows:
* **48**: Represents the nominal input voltage (48V DC).
* **NV**: Series identifier (often related to "Narrow Voltage" or specific thermal characteristics).
* **2B**: Output configuration (could indicate dual output or specific wattage rating).
* **HD**: High Density or Heavy Duty (thermal/environmental rating).
* **R**: RoHS Compliant (Lead-free).
---
### Typical Applications
* **Telecommunications**: Powering base stations and switching equipment.
* **Data Servers**: Distributing power from a 48V rack backplane to local 12V/5V rails.
* **Industrial Automation**: Converting unregulated power sources for PLC and sensor arrays.
- ⤷
What is the exact output wattage for the 48NV-2BHD-R?
- ⤷ Does this module require external capacitors for stability?
- ⤷ What is the operating temperature range for this specific power converter?