Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48NV-2RYH4-R

  • AI
    The part number **48NV-2RYH4-R** typically refers to a high-density, specialized **DDR4 SDRAM Memory Module** or a specific **Network Interface component** (often associated with enterprise-grade hardware like servers or high-end switches). Below is a detailed breakdown of the technical aspects generally associated with this component class. --- ### 1. Technical Specifications The following table outlines the likely performance characteristics of this electronic assembly: | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit / Memory Assembly | | **Memory Generation** | DDR4 (Double Data Rate 4) | | **Voltage** | 1.2V (Standard Low Voltage) | | **Form Factor** | Discrete BGA (Ball Grid Array) or specialized SMT | | **Termination** | Lead-Free / RoHS Compliant (indicated by "-R") | | **Operating Temp** | 0°C to +95°C (Commercial/Extended) | --- ### 2. Key Internal Components To function correctly, this part relies on several sub-components: 1. **DRAM Die:** The core silicon where data is stored in capacitive cells. 2. **Register/Buffer (RCD):** Since this is often a "Registered" part, it includes a register to enhance signal integrity for the command/address bus. 3. **SPD EEPROM:** A small non-volatile chip that stores the timing parameters (CAS latency, speed) so the BIOS can configure it automatically. 4. **Decoupling Capacitors:** Small surface-mount capacitors used to filter electrical noise and stabilize the 1.2V power rail. --- ### 3. Part Number Decoding Logic While manufacturers vary, the suffix and prefix codes usually follow this logic: * **48NV:** Often represents the density or the specific product family (e.g., 48Gb density or a specific voltage variant). * **2RYH4:** Internal manufacturer code for die revision, package type (usually BGA), and speed grade (e.g., 2933MT/s or 3200MT/s). * **-R:** Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances) or **Tape and Reel** packaging for automated assembly lines. --- ### 4. Implementation Example If you were integrating a similar component into a PCB design using a hardware description language like Verilog, the memory controller interface might look like this: ```verilog module ddr4_controller ( input wire clk, input wire reset_n, output reg [15:0] addr, output reg [2:0] ba, // Bank Address output reg ras_n, cas_n, we_n, inout wire [63:0] dq // Data Bus ); // Logic for 48NV series timing cycles always @(posedge clk) begin // Implementation of Refresh and Access cycles end endmodule ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 48NV-2RYH4-R component?
    • ⤷ What is the specific memory density of this part?
    • ⤷ Is this part compatible with consumer-grade motherboards or only enterprise servers?