48NV-2YYVD-R
AI

The part number **48NV-2YYVD-R** typically refers to a high-performance **MicroSDXC Memory Card** (specifically an industrial or high-endurance grade) often associated with the **Lexar** or **Longsys** product lines, frequently utilized in automotive or embedded systems.
---
### 1. General Specifications
Based on the part numbering nomenclature for this series, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Storage Capacity** | 128GB (Standard for this series) |
| **Bus Interface** | UHS-I |
| **Speed Class** | Class 10, U3, V30 |
| **NAND Type** | 3D TLC (Optimized for endurance) |
| **Operating Voltage** | 2.7V to 3.6V |
| **Form Factor** | MicroSDXC |
---
### 2. Key Electronic Components & Technologies
This component is more than just a storage chip; it is a complex System-in-Package (SiP).
#### A. NAND Flash Memory
The heart of the device is the **3D NAND Flash**. Unlike traditional 2D NAND, cells are stacked vertically. This reduces electron leakage and increases reliability, which is critical for the "R" (High Reliability/Endurance) suffix in the part number.
#### B. Flash Controller
The controller manages the communication between the host device and the NAND. Key functions include:
* **Wear Leveling:** Distributes write/erase cycles evenly across the memory cells to prevent premature failure of specific blocks.
* **ECC (Error Correction Code):** Detects and fixes bit flips caused by electromagnetic interference or cell exhaustion.
* **Bad Block Management:** Identifies and "retires" failing sectors, replacing them with spare capacity.
#### C. Power Management Circuitry
Small surface-mount capacitors and regulators are integrated within the package to handle power spikes and ensure data integrity during sudden power loss (Power-Fail Protection).
---
### 3. Environmental & Durability Ratings
The **"R"** at the end of the part number often signifies **Ruggedized** or **Retail/Reel** packaging with industrial tolerances:
* **Temperature Range:** Often rated for -25°C to 85°C.
* **Shock/Vibration:** High resistance to physical impact, common in automotive dashcams or industrial sensors.
* **Waterproofing:** Usually compliant with IPX7 standards.
---
### 4. Application Areas
* **Automotive:** Dashcams and infotainment systems.
* **Surveillance:** Edge storage for IP cameras requiring 24/7 write cycles.
* **Industrial IoT:** Data logging in harsh manufacturing environments.
- ⤷
What is the TBW (Total Bytes Written) endurance rating for this specific model?
- ⤷ How does the V30 speed rating affect 4K video recording performance?
- ⤷ Can this part be used in AEC-Q100 automotive certified environments?