Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48SV2-BH3ST-R

  • AI
    The **48SV2-BH3ST-R** is a specific technical part number, typically associated with high-precision components used in industrial automation, specifically within the realm of **rotary encoders** or **servo motor feedback systems**. Below is a breakdown of the electronic and mechanical specifications generally associated with this series. --- ### 1. General Specifications This part is part of a series of **Absolute Rotary Encoders**. Unlike incremental encoders, absolute encoders provide a unique position value the moment they are switched on, without requiring a "home" rotation. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Technology** | Optical or Magnetic Sensing | | **Voltage Supply** | 5V DC or 10-30V DC (Model dependent) | | **Output Code** | Gray Code or Binary | | **Resolution** | Up to 10-bit or 12-bit (1024 to 4096 positions per turn) | ### 2. Part Number Breakdown (Nomenclature) While specific to the manufacturer (often associated with brands like **Nemicon** or **Tamagawa** styles), the code segments usually represent: * **48**: Refers to the outer diameter of the housing (48mm). * **SV2**: Series identifier for high-speed or specific voltage tolerance. * **BH**: Hollow shaft configuration (usually "Blind Hollow"). * **3ST**: Signifies the output resolution (e.g., 1024 P/R) and the electrical interface (Push-Pull or Open Collector). * **R**: Indicates Radial cable exit or specific RoHS compliance. ### 3. Key Electronic Components The internal circuitry consists of several critical stages: 1. **Light Source/Sensor:** A high-reliability LED shines through a coded disk onto a specialized ASIC (Application Specific Integrated Circuit) or photodiode array. 2. **Signal Processing:** The internal ASIC converts the analog light patterns into a digital "Gray Code" to prevent errors during bit transitions. 3. **Output Driver:** Uses transistors to drive the signal over long cables. The "3ST" variant often implies a **Totem Pole (Push-Pull)** output, which allows for better noise immunity and faster switching compared to standard open-collector types. ### 4. Application Use Cases * **Robotic Arms:** To monitor the exact angle of joints. * **CNC Machinery:** For precise spindle or axis positioning. * **Packaging Machines:** Coordinating timing between multiple conveyor belts. * **Medical Equipment:** Precise positioning in imaging tables or scanners. --- ### 5. Technical Precautions * **Wiring:** Always ensure the power supply matches the label. Reversing polarity on these encoders usually results in immediate failure of the internal ASIC. * **Shaft Loading:** Since this is a "BH" (Hollow Shaft) model, ensure the mounting shaft is perfectly aligned to avoid mechanical stress on the internal bearings.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 48SV2-BH3ST-R connector?
    • ⤷ How does Gray Code output differ from Binary in this encoder?
    • ⤷ Can this encoder be interfaced directly with an Arduino or PLC?