Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48SV2-BH4ST-R

  • AI
    The **48SV2-BH4ST-R** is a specific part number belonging to a series of high-performance **rotary encoders**, typically manufactured by brands like **Nemicon** or similar industrial sensor providers. These components are essential in motion control systems for providing feedback on position, speed, and direction. --- ### 1. Technical Specification Breakdown Based on standard naming conventions for this series, here is the breakdown of its electronic and mechanical parts: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | 48SV | Represents a 48mm outer diameter hollow shaft encoder. | | **Resolution** | 2 (Variable) | Usually indicates specific pulses per revolution (PPR). | | **Output Phase** | BH | Indicates A, B, and Z (Index) phases with complementary signals (Line Driver). | | **Output Type** | 4ST | Voltage/Output stage configuration (typically 5V or 5-12V Line Driver). | | **Mounting** | R | Radial cable outlet or specific mounting flange orientation. | --- ### 2. Core Electronic Components The internal electronics of the 48SV2-BH4ST-R consist of several critical sub-systems: #### A. Optical/Magnetic Sensing Element * **LED Emitter:** Provides a constant light source directed through a coded disc. * **Photo-Detector Array:** High-speed photodiodes that capture light pulses as the disc rotates, converting light into low-level electrical currents. #### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Squares the analog sine/cosine waves from the detectors into clean digital square waves. * **Line Driver (IC):** Uses an integrated circuit (often an RS-422 compatible chip) to provide differential signaling. This allows for long cable runs by cancelling out electromagnetic interference (EMI). #### C. Connectivity & Protection * **Voltage Regulator:** Protects internal logic from minor fluctuations in the input power supply. * **Shielded Cabling:** The "R" configuration usually involves a multi-core shielded cable to prevent noise from affecting the high-frequency pulse train. --- ### 3. Wiring Diagram (Typical Line Driver) The 48SV2-BH4ST-R usually follows a standard industrial wiring color code: ```text Red : Vcc (Power Supply +5V or +12V) Black : GND (0V) Green : Phase A White : Phase B Yellow : Phase Z (Index) Brown : Phase A-inverse Grey : Phase B-inverse Orange : Phase Z-inverse Shield : Frame Ground ``` --- ### 4. Typical Applications * **Servo Motors:** Used as a feedback device to tell the drive the exact position of the motor shaft. * **CNC Machinery:** Provides precision measurement for X, Y, or Z-axis movement. * **Robotics:** Ensures synchronized movement of joints and actuators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum Pulses Per Revolution (PPR) available for the 48SV series?
    • ⤷ How does a Line Driver output differ from an Open Collector output in this encoder?
    • ⤷ What is the recommended input voltage for the 4ST variant?