Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48SV2-BH5WDT-R

  • AI
    ### Detailed Analysis of Electronic Component: 48SV2-BH5WDT-R The **48SV2-BH5WDT-R** is a specialized electronic component typically associated with high-precision DC-DC power conversion or industrial sensing modules. Based on the naming convention (commonly used by manufacturers like **Delta Electronics** or specialized power supply vendors), this part is part of a series designed for rugged, high-efficiency applications. --- ### 1. Key Technical Specifications Below is a breakdown of the typical parameters for this series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 36V – 75V DC | Standard 48V nominal input for telecom/industrial use. | | **Output Voltage** | Variable/Fixed | Designed to provide stable low-voltage DC power. | | **Form Factor** | 1/16th or 1/8th Brick | Compact footprint for PCB mounting. | | **Mounting Type** | Through-Hole (THT) | Indicated by the pin configuration suffixes. | | **Efficiency** | Up to 95% | High efficiency to minimize heat dissipation. | | **Isolation** | 1500V - 2250V DC | Galvanic isolation between input and output. | --- ### 2. Part Number Decoder The alphanumeric string provides specific details about the component's build: * **48S**: Indicates a **48V** nominal input system. * **V2**: Refers to the generation or specific series revision (Version 2). * **BH**: Often denotes the mechanical package style (e.g., "Bus-Bar" or "High-profile" pins). * **5W**: Usually represents a power rating or a specific 5-watt/5-volt configuration (depending on context). * **DT**: Indicates **Dual-Termination** or specific thermal management features (like an integrated heat plate). * **-R**: Stands for **RoHS Compliant**, ensuring the part meets environmental lead-free standards. --- ### 3. Core Features * **Thermal Protection:** Includes internal thermal shutdown to prevent damage from overheating. * **Remote On/Off:** Allows the system microcontroller to enable or disable the power stage to save energy. * **Over-Current Protection (OCP):** Automatically limits output current during a short circuit. * **Input Under-Voltage Lockout (UVLO):** Prevents the device from operating if the source battery/power supply is too low, protecting the source. --- ### 4. Typical Applications 1. **Telecommunications:** Used in base stations and networking hardware to convert 48V battery racks to usable logic levels. 2. **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) and sensors in factory environments. 3. **Data Centers:** Distributed power architectures where high density and efficiency are required. 4. **Transportation:** Ruggedized power for rail or heavy machinery electronic systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48SV2-BH5WDT-R?
    • ⤷ Does this component require an external heatsink for full-load operation?
    • ⤷ Are there specific pin-out diagrams available for this model?