AI

The part number **48SV2-BVHST-R** refers to a specific series of high-performance **Step Motors** (specifically a Hybrid Stepper Motor) typically manufactured by companies like **Sanyo Denki** or similar specialized motion control brands.
Below is a breakdown of the technical components and characteristics associated with this part.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Hybrid Stepper Motor |
| **Phase** | 2-Phase |
| **Step Angle** | 1.8° (200 steps per revolution) |
| **Frame Size** | NEMA 17 or 42mm Square (Typical for 48SV series) |
| **Winding Type** | Bipolar (usually indicated by 'B' or 'V' coding) |
| **Connection** | Connectorized or Lead wire (HST usually denotes a connector type) |
| **RoHS Status** | Compliant (R suffix) |
---
### 2. Breakdown of Part Number Nomenclature
While specific manufacturer coding can vary slightly, the nomenclature generally follows this logic:
* **48SV**: The series identifier. "48" often refers to the stack length or physical size, while "SV" indicates a specific internal design optimized for high torque or vacuum/high-temperature environments.
* **2**: Often signifies the number of phases (2-phase motor).
* **BV**: Likely refers to the winding specification and voltage rating. "B" frequently stands for Bipolar.
* **HST**: Indicates the mechanical interface, often signifying a **Connector Type** termination rather than flying leads, and may imply a specific shaft shape (e.g., D-cut or straight).
* **-R**: Standing for **RoHS Compliance**, ensuring the part is free from restricted hazardous substances.
---
### 3. Key Electronic Characteristics
#### A. Hybrid Construction
This motor combines the qualities of a Permanent Magnet (PM) motor and a Variable Reluctance (VR) motor. It uses a permanent magnet on the rotor and a notched stator to provide high torque and fine resolution (1.8 degrees per step).
#### B. Driving Requirements
As a 2-phase bipolar motor, it requires a **Bipolar Stepper Driver** (using an H-Bridge circuit). It cannot be driven directly by a DC power supply; it requires pulsed current to sequence the phases.
#### C. Torque-Speed Performance
The "SV" series is generally engineered for a "High-Torque" profile, meaning it maintains a higher holding torque compared to standard 42mm motors, making it suitable for precision CNC, 3D printing, or medical robotics.
---
### 4. Typical Applications
* **Medical Equipment:** High-precision pumps and scanning tables.
* **Semiconductor Manufacturing:** Wafer handling and vacuum-rated motion.
* **Office Automation:** High-end photocopiers and sorting machines.
* **Industrial Robotics:** Precise positioning for pick-and-place systems.
---
- ⤷
What is the maximum holding torque for the 48SV2 series?
- ⤷ Does this motor require a specific type of connector cable for the HST interface?
- ⤷ Can this motor be used in vacuum environments?