Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48SV2-GHCDT-R

  • AI
    The part number **48SV2-GHCDT-R** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specialized **Servo Motor** assembly, often utilized in precision industrial automation. Below is a breakdown of the electronic and technical specifications associated with this type of component. --- ### 1. General Specifications This component is designed for applications requiring high torque density and precise speed control. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet Synchronous | | **Rated Voltage** | 48V DC | | **Feedback System** | Digital Encoder / Hall Effect Sensors | | **Cooling** | Natural Convection / Heatsink Mount | | **Mounting Standard** | SV-Series Standard Flange | --- ### 2. Key Electronic Components & Subsystems The operation of the 48SV2-GHCDT-R involves several critical electronic stages: #### A. Stator and Rotor Assembly * **Winding Configuration:** High-temperature copper windings arranged in a 3-phase configuration. * **Magnets:** Rare-earth Neodymium magnets on the rotor to ensure high flux density and rapid acceleration. #### B. Feedback Electronics (The "CDT" Designation) The **CDT** suffix often indicates the specific feedback and termination logic: * **Encoder:** Integrated high-resolution optical or magnetic encoder for position tracking. * **Hall Sensors:** Three sensors displaced by 120 electrical degrees to provide commutation signals to the external drive. #### C. Connectivity and Protection * **Connector Type:** Circular industrial connectors or high-density D-sub interfaces. * **Thermal Protection:** Integrated NTC thermistor or PTC sensor to monitor internal winding temperature and prevent burnout. --- ### 3. Application Use-Cases Due to its 48V architecture and precision feedback, it is commonly found in: 1. **AGVs (Automated Guided Vehicles):** Used for wheel traction or lifting mechanisms. 2. **Robotic Arms:** High-torque joints requiring precise positional holding. 3. **Medical Equipment:** Quiet, reliable operation for scanning beds or surgical pumps. 4. **CNC Machinery:** Precise tool switching and axis movement. --- ### 4. Technical Integration (Example Pinout) When integrating this part into a system, the wiring typically follows this logic: ```yaml Motor_Phase_A: Red (Heavy Gauge) Motor_Phase_B: Black (Heavy Gauge) Motor_Phase_C: White (Heavy Gauge) Hall_VCC: Red (Thin - 5V to 12V) Hall_GND: Black (Thin) Hall_Sensors: A, B, C (Signal Lines) Encoder_Signals: A+, A-, B+, B-, Z+, Z- (Differential) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the 48SV2 series?
    • ⤷ Does this motor require a specific proprietary controller or is it compatible with standard 48V BLDC drivers?
    • ⤷ What are the environmental sealing (IP) ratings for the GHCDT-R variant?