AI

## Detailed Overview of the 48SV2-GV6ST-R
The **48SV2-GV6ST-R** is a specific part number typically associated with **Hollow Shaft Incremental Rotary Encoders**, often manufactured by companies like **Autonics** (or similar industrial automation providers). These components are essential for motion control, providing feedback on position, speed, and direction.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Incremental Rotary Encoder |
| **Shaft Design** | Hollow Shaft (usually 6mm or 8mm internal diameter) |
| **Outer Diameter** | 48mm |
| **Output Phase** | A, B, Z (Standard 3-phase) |
| **Output Type** | Push-Pull (Totem Pole) or Voltage Output |
| **Power Supply** | 12-24VDC (Commonly supported) |
| **Resolution** | Pulse per Revolution (PPR) varies by sub-model (often indicated by the "V2" or "6ST" suffix) |
---
### 2. Breakdown of the Part Number
Understanding the alphanumeric code helps identify the specific electronic behavior of the unit:
* **48**: Represents the **48mm** external diameter of the housing.
* **SV**: Indicates a **Hollow Shaft** type, allowing the motor shaft to pass through the center.
* **2**: Often signifies the specific mechanical design generation or series version.
* **GV**: Typically denotes the **Output Type** (e.g., Line Driver or Totem Pole output).
* **6ST**: Usually refers to the number of output signals (A, B, Z and their inverted complements A-, B-, Z-) and the shaft size.
* **R**: Indicates the **Connection Type**, often representing a radial cable outlet.
---
### 3. Key Electronic Components Inside
The encoder functions through a combination of optical and electronic subsystems:
1. **Light Source (LED):** An infrared LED that shines through a coded disk.
2. **Coded Disk:** A glass or plastic disk with fine slits that determines the resolution (PPR).
3. **Photodetector:** A sensor that picks up light pulses as the disk rotates, converting them into low-level electrical signals.
4. **Signal Processing IC:** Amplifies the pulses and converts them into clean square waves (TTL or HTL levels).
5. **Output Driver:** A transistor-based circuit (Push-Pull or Line Driver) that allows the signal to travel long distances to a PLC or controller without significant noise interference.
---
### 4. Wiring and Connection (General Guide)
*Typically, these units use a color-coded cable system:*
| Wire Color | Signal Type | Description |
| :--- | :--- | :--- |
| **Brown** | VCC | Power Supply (Positive) |
| **Blue** | GND | Common Ground (0V) |
| **Black** | Output A | Main pulse signal |
| **White** | Output B | 90° phase-shifted signal (for direction) |
| **Orange** | Output Z | Index pulse (once per revolution) |
| **Shield** | F.G. | Frame Ground / Noise Protection |
---
### 5. Common Applications
* **Motor Speed Control:** Measuring RPM of AC/DC motors.
* **Conveyor Systems:** Synchronizing the speed of multiple belts.
* **Elevator Positioning:** Tracking the floor level of a lift cabin.
* **Industrial Robots:** Providing feedback for arm joint rotation.
---
- ⤷
What is the maximum Pulse Per Revolution (PPR) available for the 48SV2 series?
- ⤷ How does a 'Push-Pull' output differ from a 'Line Driver' output in this encoder?
- ⤷ What is the recommended maximum cable length for this specific model to avoid signal loss?