48SV2-GVHDT-R
AI

The part number **48SV2-GVHDT-R** typically refers to a high-density, vertical, shielded **VHDCI (Very High Density Cable Interconnect)** connector or a specialized board-to-board interconnect often used in industrial automation, telecommunications, or high-speed data acquisition systems.
Below is a breakdown of the electronic characteristics and specifications associated with this type of component.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | VHDCI (Very High Density Cable Interconnect) |
| **Orientation** | Vertical / Straight |
| **Shielding** | Fully Shielded (Metal Shell) |
| **Mounting Type** | Through-hole or SMT (Depending on specific footprint) |
| **Contact Plating** | Gold (usually 15µ" or 30µ" for high reliability) |
| **Pitch** | 0.8mm (Standard for VHDCI) |
### 2. Key Internal Components & Materials
* **Housing:** High-temperature thermoplastic (LCP or PBT), capable of withstanding reflow soldering temperatures.
* **Contacts:** Copper alloy base with gold plating on the contact area to prevent oxidation and ensure low contact resistance.
* **Shell:** Nickel-plated steel or copper alloy for EMI/RFI protection and mechanical grounding.
* **Board Locks:** Mechanical features (clips or threaded inserts) to secure the part to the PCB during vibration.
### 3. Electrical Characteristics
* **Current Rating:** Typically 0.5A per contact.
* **Voltage Rating:** 30V AC (RMS).
* **Dielectric Withstanding Voltage:** 500V AC for 1 minute.
* **Insulation Resistance:** 500 MΩ minimum.
* **Contact Resistance:** 35 mΩ maximum.
### 4. Common Applications
Due to the high pin density and shielding, these parts are frequently used in:
1. **SCSI Interfaces:** Older high-speed storage arrays.
2. **DAQ Cards:** National Instruments and other data acquisition hardware often use VHDCI for multi-channel I/O.
3. **Networking:** High-speed routers and switches for backplane interconnects.
4. **Medical Imaging:** Transferring large amounts of sensor data with minimal interference.
---
### Installation Note
When integrating the **48SV2-GVHDT-R** into a design, ensure that the PCB layout accounts for the **Shield Tabs**. These tabs are critical for both mechanical stability and providing a low-impedance path to ground to reduce electromagnetic interference (EMI).
- ⤷What is the exact pin count for the 48SV2-GVHDT-R variant?
- ⤷ Are there specific PCB footprint files available for this connector?
- ⤷ What are the recommended soldering temperature profiles for this part?