48SV2-RV0SRR
AI

The **48SV2-RV0SRR** appears to be a specific model or sub-component within the category of **High-Precision Potentiometers** or **Rotary Sensors**, often associated with industrial automation and precision control systems (frequently manufactured by brands like Sakae or similar precision component specialists).
Below is a breakdown of the electronic and mechanical characteristics typical of this part series.
---
### 1. Component Overview
The 48SV series is generally a **Multi-turn Helical Potentiometer** or a high-durability rotary sensor. These are used to translate mechanical rotation into a precise electrical signal (resistance change).
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Precision Wirewound or Hybrid Potentiometer |
| **Turns** | Typically 10-turn (though "SV" can denote variations) |
| **Resistance Tolerance** | ±5% to ±1% (Precision grade) |
| **Linearity** | ±0.25% to ±0.1% (Independent linearity) |
| **Power Rating** | Approximately 2.0W at 40°C |
### 2. Technical Breakdown
* **Rotary Life:** Designed for long life cycle (often 1 to 5 million shaft revolutions).
* **Housing:** Usually constructed with a rugged metal or high-impact plastic casing for industrial environments.
* **Terminals:** Gold-plated or silver-plated terminals to prevent oxidation and ensure stable electrical contact.
* **Shaft Style:** The "RV" in the suffix often indicates a specific shaft configuration (e.g., slotted, round, or flatted) and "0SRR" likely defines the specific electrical travel and resistance taper.
### 3. Pinout & Connection
Most high-precision potentiometers follow a standard 3-terminal configuration:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1** | CW/CCW End | Fixed end of the resistor element |
| **2** | Wiper | The moving contact providing variable voltage/resistance |
| **3** | CW/CCW End | Opposite fixed end of the resistor element |
### 4. Common Applications
Due to its precision, this part is found in:
1. **Servo Systems:** Used as feedback sensors to determine the exact position of a motor shaft.
2. **Medical Equipment:** For fine-tuning control interfaces on imaging or surgical devices.
3. **Industrial Joysticks:** Providing high-resolution input for heavy machinery.
4. **Calibration Tools:** Used in laboratory instruments where high-resolution resistance adjustment is required.
---
- ⤷What is the exact resistance value of the 48SV2-RV0SRR model?
- ⤷ Can this part be replaced by a contactless Hall-effect sensor?
- ⤷ What are the mounting torque specifications for the 48SV series?