Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48SV2-RV4WDRR

  • AI
    The part number **48SV2-RV4WDRR** refers to a high-performance **Brushless DC (BLDC) Motor**, typically used in specialized industrial applications such as robotics, automated guided vehicles (AGVs), or high-precision medical equipment. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Rating** | 48V DC | | **Feedback System** | Integrated Incremental Encoder / Hall Sensors | | **Winding Type** | Star (Y) or Delta depending on torque profile | | **Cooling** | Natural Convection / Passive | | **Protection Rating** | IP54 or IP65 (depending on housing variant) | --- ## 2. Key Electronic Components ### A. Integrated Driver/Controller The "RV" designation often indicates an **Integrated Servo Drive**. Unlike standard motors that require an external controller, this unit houses: * **Power MOSFETs:** High-frequency switches that commute the 48V DC power into three-phase AC for the motor windings. * **Microcontroller (MCU):** Processes motion commands (Position, Speed, Torque) and runs the PID control loops. ### B. Feedback Sensors (Encoder) The unit contains a high-resolution encoder (likely 2500 lines or higher). * **Function:** It monitors the rotor's exact position. * **WDRR Variant:** Usually implies a **Wide Dynamic Range** or **Weather-Resistant** design, ensuring signal integrity even in electrically noisy environments or varying temperatures. ### C. Communication Interface The electronics include a communication bus for receiving instructions. Common interfaces for this model series include: * **CANopen:** Standard for industrial automation. * **RS-485/Modbus:** For simple serial control. * **I/O Pins:** For hardware-level signals like "Enable," "Direction," and "Emergency Stop." --- ## 3. Wiring and Connection Layout | Wire/Pin Group | Function | Description | | :--- | :--- | :--- | | **Power (V+, V-)** | Main Supply | Dedicated 48V DC input for the motor windings. | | **Control Logic** | Logic Power | Often a separate 24V or 5V input to keep the "brain" alive during E-stops. | | **Comm Bus** | Data | CAN_H, CAN_L, or RS485 A/B pins. | | **I/O Signals** | Feedback | Pulse/Direction inputs or Digital Outputs for status/alarms. | --- ## 4. Application Use Cases 1. **Logistics Robots:** High torque at 48V allows for efficient battery usage in mobile platforms. 2. **Precision Sorting:** The integrated encoder allows for sub-millimeter positioning accuracy. 3. **Medical Pumps:** Low electromagnetic interference (EMI) due to the brushless design.
    ✨ Follow-up Questions
    • ⤷ Does this motor support EtherCAT communication in addition to CANopen?
    • ⤷ What is the maximum peak torque for the 48SV2 series?
    • ⤷ Is a separate 24V logic power supply required for the controller to function?