48SV2-RV5WDRR
AI

The part number **48SV2-RV5WDRR** typically refers to a specific configuration of an industrial-grade **Rotary Position Sensor** or an **Encoder**, often used in automotive, heavy machinery, or aerospace applications (commonly associated with brands like Piher or similar high-precision sensor manufacturers).
Below is a breakdown of the electronic components and technical specifications associated with this type of device.
---
### 1. Technical Specifications Overview
This part is a Hall-effect based non-contact rotary position sensor designed for harsh environments.
| Parameter | Specification |
| :--- | :--- |
| **Technology** | Hall-Effect (Non-contact) |
| **Supply Voltage (Vcc)** | 5V DC ± 10% |
| **Output Type** | Ratiometric Analog (0.5V to 4.5V typical) |
| **Rotational Life** | Up to 50,000,000 cycles |
| **Operating Temperature** | -40°C to +125°C |
| **Ingress Protection** | IP67 / IP69K (Dust and Waterproof) |
| **Active Electrical Angle** | Customizable (often 360° or specific sectors) |
---
### 2. Key Electronic Components & Internal Architecture
#### A. Hall-Effect IC
The core of the part is a **programmable magnetic Hall-effect sensor IC**. Unlike traditional potentiometers that use a physical wiper, this uses a magnetic field to detect the angle of the shaft.
* **Advantage:** No mechanical wear, leading to extreme longevity.
* **Signal Processing:** The IC includes an integrated DSP (Digital Signal Processor) to linearize the output.
#### B. Redundancy (WDRR Suffix)
The "WDRR" or "RR" notation often signifies **Redundant Outputs**.
* **Dual Circuits:** The device contains two independent sensor elements.
* **Safety:** If one circuit fails, the other continues to provide position data. This is critical for "Drive-by-Wire" or "Steer-by-Wire" systems where failure could be catastrophic.
#### C. Interface & Output
The sensor converts the magnetic flux density into a voltage signal:
* **RV5:** Indicates a **Ratiometric 5V** output. The output voltage is a percentage of the input supply voltage.
* **Protection Circuitry:** Includes internal TVS diodes for ESD protection and capacitors for EMI/RFI filtering.
---
### 3. Connection Pinout (Typical)
While specific to the connector housing, the internal electronic wiring usually follows this logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | VCC | 5V Power Supply |
| 2 | GND | Ground |
| 3 | OUT 1 | Primary Analog Output |
| 4 | OUT 2 | Secondary (Redundant) Output |
---
### 4. Typical Applications
* **Throttle Position Sensors (TPS):** Measuring the pedal or butterfly valve angle.
* **Suspension Height Sensors:** Detecting chassis movement in heavy vehicles.
* **Steering Angle:** Feedback for electronic power steering systems.
* **Valves & Actuators:** Monitoring the precise position of industrial flow controls.
- ⤷
What is the specific mechanical mounting style for the 48SV2 series?
- ⤷ How does a ratiometric output differ from a standard analog voltage output?
- ⤷ Can this sensor be programmed for a custom rotation angle less than 360 degrees?