48SV2-RV6SRR
AI

The **48SV2-RV6SRR** is a specific model identifier typically associated with **Nidec Copal Electronics** (or sometimes linked to industrial automotive/sensor components). This part belongs to the **SV2 series**, which consists of high-precision, contactless magnetic rotary sensors.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | SV2 Series (Contactless Rotary Sensor) |
| **Technology** | Hall Effect (Magnetic) |
| **Supply Voltage** | 5V DC ± 0.5V |
| **Rotational Angle** | Usually 360° (Continuous) or specific effective angles |
| **Output Type** | Ratio-metric Analog (often 10% to 90% of Vcc) |
| **Linearity** | ±1% to ±2% (Full Scale) |
| **Service Life** | > 50 million cycles (due to contactless design) |
---
### 2. Breakdown of Part Number Nomenclature
While exact manufacturer datasheets can vary slightly by region, the code generally breaks down as follows:
* **48**: Refers to the outer diameter of the housing (approx. 48mm).
* **SV2**: The product family (Super-mini Vertical/Rotary series).
* **RV6**: Often indicates the specific output characteristics or the internal IC configuration (e.g., Redundant Dual Output).
* **SRR**: Typically denotes the mounting style, shaft shape, or environmental sealing rating (IP rating).
---
### 3. Core Components and Operation
The internal "parts" of this electronic component include:
1. **Permanent Magnet**: Mounted on the rotating shaft.
2. **Hall Effect IC**: A specialized semiconductor that detects the change in the magnetic field as the shaft turns.
3. **Signal Processing Circuit**: Converts the raw magnetic flux data into a linear voltage output.
4. **Housing**: Usually made of high-grade plastic or aluminum with ball bearings to ensure smooth rotation.
---
### 4. Advantages & Applications
Because this is a **contactless** sensor, it does not suffer from the mechanical wear found in traditional potentiometers (which use a "wiper" on a resistive track).
#### Common Applications:
* **Electronic Throttle Control**: Measuring pedal or valve positions.
* **Industrial Robots**: Determining joint angles.
* **Medical Equipment**: Precise positioning of moving limbs or beds.
* **Agricultural Machinery**: Steering angle detection.
---
### 5. Wiring Diagram (General)
Standard analog versions typically utilize a 3-pin or 6-pin (for redundancy) configuration:
```text
Pin 1: Vcc (+5V)
Pin 2: Output (0.5V - 4.5V)
Pin 3: Ground (GND)
```
- ⤷
What is the difference between this contactless sensor and a standard potentiometer?
- ⤷ Can this sensor be used in high-vibration environments?
- ⤷ Does this model support dual-output for safety redundancy?