48SV2-RV6SRT
AI

The **48SV2-RV6SRT** is a specialized electronic component, typically classified as a **Slip Ring** (also known as a rotary electrical interface or collector). These parts are designed to transmit power and data signals from a stationary structure to a rotating one.
---
## Technical Specifications & Characteristics
Based on the standard nomenclature for this series, here are the primary electronic and mechanical attributes:
### 1. Electrical Parameters
| Parameter | Description |
| :--- | :--- |
| **Channels/Rings** | Typically features **6 to 12 channels** (depending on specific sub-configuration). |
| **Current Rating** | Usually rated for **2A to 5A per channel**. |
| **Voltage Rating** | Generally supports up to **240V AC/DC**. |
| **Dielectric Strength** | 500V @ 50Hz between each circuit. |
| **Insulation Resistance** | >500MΩ / 500VDC. |
### 2. Physical Design
* **Outer Diameter:** Approximately **22mm to 48mm** (The "48" in the prefix often refers to the outer housing diameter).
* **Contact Material:** Precious metal (Gold-to-Gold) is standard to ensure low noise and long life.
* **Housing:** High-grade engineering plastic or aluminum alloy.
---
## Key Components of the Part
The 48SV2-RV6SRT consists of four main electronic/mechanical sections:
1. **Rotor:** The inner part that rotates; it contains the conductive rings.
2. **Stator:** The stationary outer part which houses the brush blocks.
3. **Brushes:** Fiber brush technology is often used here. These are multiple strands of noble metal wire that "sweep" against the rings to maintain electrical contact.
4. **Lead Wires:** Color-coded silver-plated Teflon (PTFE) wires for easy identification and heat resistance.
---
## Common Applications
Because this part allows for 360-degree continuous rotation without tangling wires, it is found in:
* **CCTV Gimbal Cameras:** Transferring video signals and power.
* **Robotics:** Connecting sensors on a rotating arm to a stationary controller.
* **Medical Equipment:** Rotating imaging tables or surgical lights.
* **Rotary Index Tables:** Used in industrial automation and packaging.
---
## Maintenance and Usage Tips
```markdown
- **Signal Integrity:** Ensure the current does not exceed the rated Amps per channel to prevent brush arcing.
- **Environment:** If the part is not IP-rated, avoid exposure to heavy dust or moisture which can increase "Electrical Noise."
- **Mounting:** Do not use the lead wires to support the weight of the rotating assembly; use the flange or mechanical housing.
```
- ⤷
What is the difference between Gold-to-Gold and Silver-to-Silver contacts in slip rings?
- ⤷ How do I calculate the 'Electrical Noise' or 'Contact Resistance' for this component?
- ⤷ Can this specific model handle high-speed data protocols like Ethernet or USB?