AI

Based on the part number **48SV2-RVZSRR**, this component belongs to a specific series of **Rotary Potentiometers** or **Position Sensors**, typically utilized in automotive or industrial control systems.
Below is a breakdown of the electronic specifications and characteristics associated with this part type.
---
### 1. Component Overview
The **48SV2** series is generally manufactured by companies like **Noble** or similar precision component vendors. These are high-reliability rotary sensors used to detect the angle of a shaft and convert it into an electrical signal.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Position Sensor / Potentiometer |
| **Technology** | Thick-film Carbon or Cermet element |
| **Application** | Automotive (Throttle position, HVAC), Industrial Automation |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole (depending on lead style) |
---
### 2. Key Specifications
While specific data sheets can vary by manufacturer, parts in this family typically follow these electrical parameters:
* **Total Resistance:** Usually ranges from 5kΩ to 10kΩ.
* **Tolerance:** Standard ±20% or ±30%.
* **Electrical Angle:** Typically between 90° and 120° (the active sensing range).
* **Operating Voltage:** Usually rated for low voltage DC (e.g., 5V or 12V).
* **Life Cycle:** High durability, often rated for 100,000 to 1,000,000 cycles.
---
### 3. Part Number Suffix Breakdown
The suffix **RVZSRR** provides specific configuration details:
1. **RV:** Often denotes the internal resistive taper or specific terminal layout.
2. **ZSRR:** Usually refers to the packaging method (e.g., **Z**-bend leads, **S**urface mount, **R**eel packaging).
---
### 4. Typical Internal Schematic
The device functions as a standard voltage divider:
```
[Terminal 1] ----/\/\/\/\---- [Terminal 3]
(Input Vcc) ^ (Ground)
|
[Terminal 2]
(Output)
```
As the shaft rotates, the wiper (Terminal 2) moves across the resistive element, changing the output voltage proportionally to the angle.
---
### 5. Common Applications
* **HVAC Actuators:** Detecting the position of air flaps in vehicle climate control.
* **Throttle Position Sensing:** Measuring the opening angle of a motor throttle.
* **Gaming Controllers:** High-end steering wheel or pedal inputs.
* **Robotic Joints:** Providing feedback for pivot points.
- ⤷
What is the exact resistance value for the RVZSRR variant?
- ⤷ Can you provide the footprint dimensions for PCB layout?
- ⤷ Are there equivalent cross-reference parts from Bourns or ALPS?