48V-1GGHA-R
AI

The part number **48V-1GGHA-R** refers to a high-performance **Crystal Oscillator (XO)** manufactured by **CTS Electronic Components**. It belongs to the CTS Model 48V series, which is a low-voltage, high-frequency timing solution designed for demanding network and telecommunications applications.
---
### 1. Technical Specifications
The following table outlines the key parameters of this electronic component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | CTS Electronic Components |
| **Output Type** | HCSL (Host Clock Signal Level) |
| **Supply Voltage** | +3.3V DC |
| **Frequency Stability** | ±50 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 7.0mm x 5.0mm (Ceramic Surface Mount) |
| **Pin Count** | 6 Pins |
| **Compliance** | RoHS Compliant / Lead-Free |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's configuration:
1. **48V**: The Series designation (Model 48V).
2. **1G**: Represents the specific frequency or frequency code (typically indicates a frequency in the GHz or high MHz range).
3. **G**: Stability indicator (±50ppm).
4. **H**: Temperature range indicator (-40°C to +85°C).
5. **A**: Voltage code (3.3V).
6. **R**: Packaging type (Tape & Reel).
---
### 3. Key Features & Applications
#### High-Speed Output (HCSL)
The **HCSL output** is a differential logic signal commonly used in PCI Express (PCIe) applications. It offers high-speed switching with low power consumption compared to older logic levels.
#### Industrial Reliability
With an operating range of **-40°C to +85°C**, this part is suitable for outdoor infrastructure or industrial environments where temperature fluctuations are common.
#### Typical Applications:
* **Networking:** Gigabit Ethernet, Switches, and Routers.
* **Storage:** Fiber Channel and Storage Area Networks (SAN).
* **Computing:** PCIe Gen 1, 2, 3, and 4 clocking requirements.
* **Telecommunications:** Base stations and optical transport equipment.
---
### 4. Typical Connection Diagram
```cpp
// General Pin Configuration for 6-Pin SMD Oscillator
Pin 1: Enable/Disable (E/D) or No Connect
Pin 2: No Connect (NC)
Pin 3: Case Ground (GND)
Pin 4: Output (f)
Pin 5: Complementary Output (f-bar)
Pin 6: Supply Voltage (Vcc)
```
- ⤷What is the exact frequency value for the '1G' code in this series?
- ⤷ How does HCSL output differ from LVPECL in high-speed circuits?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?