Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-1GV3-R

  • AI
    The code **48V-1GV3-R** refers to a specific type of **Metal Oxide Varistor (MOV)** produced by manufacturers like **LittelFuse** or **Joyin**. These components are critical for surge protection in electronic circuits. --- ### 1. Component Overview A Varistor is a voltage-dependent resistor. Its resistance changes based on the applied voltage: * **At normal voltage:** It has high resistance (acts like an open circuit). * **At high voltage (surges):** It flips to low resistance, shunting the excess energy to ground and protecting sensitive downstream components. ### 2. Specification Breakdown The alphanumeric code provides technical details about its electrical properties: | Part Segment | Meaning | Technical Detail | | :--- | :--- | :--- | | **48V** | **Voltage Rating** | Indicates the peak AC or DC voltage threshold (Nominal 48V). | | **1G** | **Diameter/Size** | Usually refers to the disk size (often 10mm or 14mm depending on series). | | **V3** | **Series/Variant** | Specific manufacturing series or energy absorption rating. | | **-R** | **RoHS Compliant** | Indicates the part is lead-free and meets environmental standards. | ### 3. Key Technical Parameters Based on the standard specifications for this 48V MOV series: * **Varistor Voltage:** Typically triggers between **43V and 53V**. * **Maximum AC RMS:** ~30V. * **Maximum DC Voltage:** ~38V - 40V. * **Peak Surge Current:** Can handle pulses up to **500A - 1000A** (depending on the disk size). * **Capacitance:** High (varies by frequency), which means they are best for power lines rather than high-speed data lines. ### 4. Common Applications This specific voltage rating (48V) is common in the following sectors: 1. **Telecommunications:** Protection for 48V DC power rails. 2. **Automotive:** Handling load dumps and surges in 24V/42V vehicle systems. 3. **Industrial Controls:** Protecting PLCs and sensors from inductive kickback. 4. **Power Supplies:** Input filtering for low-voltage AC/DC converters. --- ### 5. Circuit Implementation To implement this part, it is typically placed in **parallel** with the load. ```mermaid graph LR A[Power Source] --- B[Fuse] B --- C{48V-1GV3-R} C --- D[Ground/Neutral] B --- E[Sensitive Load] ``` *Note: Always use a fuse in series before the varistor to prevent fire in case of a permanent over-voltage condition.*
    ✨ Follow-up Questions
    • ⤷What is the difference between a Varistor and a TVS Diode for surge protection?
    • ⤷ How do I calculate the energy rating (Joules) needed for a specific circuit?
    • ⤷ Can this component be used in a 110V AC application?