Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-1RGVA-R

  • AI
    Based on the part number provided, this typically refers to a **48V Input, 1U Rack-Mount, Regulated Variable Output Power Supply** or a specific high-efficiency DC-DC converter module often used in telecommunications and server environments. Below is a breakdown of the electronic specifications and typical components associated with this type of hardware. --- ### 1. Key Technical Specifications The "48V-1RGVA-R" nomenclature identifies specific electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 48V DC | Nominal voltage for telecom and data center environments (Range: 36V - 75V). | | **Form Factor** | 1U Rack / Modular | Designed for slim profile server racks or chassis. | | **Output Type** | Regulated Variable | Features internal feedback loops to maintain stable voltage despite load changes. | | **Cooling** | Active/Passive | Usually includes internal fans or high-surface-area heat sinks. | | **Compliance** | RoHS | The "-R" suffix often denotes **RoHS Compliance** (Lead-free). | --- ### 2. Core Electronic Components Inside such a module, the following electronic parts are critical for operation: #### A. Power Conversion Stage * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** Used as high-speed switches to convert DC to high-frequency AC for transformation. * **Transformer:** Provides galvanic isolation between the 48V input and the output stages. * **Schottky Diodes / Synchronous Rectifiers:** Converts the AC back to a stable DC output with minimal energy loss. #### B. Control and Regulation * **PWM Controller IC:** The "brain" that adjusts the pulse width to keep the output voltage constant regardless of the input fluctuations. * **Optocouplers:** Used to send feedback from the output side back to the input controller while maintaining electrical isolation. * **Voltage Reference (TL431 or similar):** Ensures the precision of the output voltage. #### C. Filtering and Protection * **Electrolytic & Ceramic Capacitors:** Used for ripple suppression and smoothing the DC output. * **Inductors (Chokes):** Filter out high-frequency electromagnetic interference (EMI). * **TVS Diodes (Transient Voltage Suppressors):** Protect the internal circuits from voltage spikes on the 48V line. --- ### 3. Connection and Monitoring Most units of this series feature specific interfacing components: * **Terminal Blocks/Busbars:** For high-current 48V input/output connections. * **Signal Pins:** For "Remote On/Off," "Power Good" signals, and current sharing if used in redundant configurations (N+1). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this 48V power module?
    • ⤷ Can this unit be used in a redundant N+1 configuration?
    • ⤷ Does the -R suffix indicate specific environmental certifications besides RoHS?