48V-1RRHA-R
AI

The **48V-1RRHA-R** is a specific part number typically associated with **Hengstler (Danaher)** or specialized industrial thermal printers and control units. It refers to a specialized **Resistor Array** or **Hybrid Resistor Network** designed for high-density electronic circuits, often used in thermal print head management or precision voltage regulation.
---
### 1. Component Specifications
Based on industrial datasheets for this series, here are the primary electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Resistor Hybrid Array / Network |
| **Resistance Value** | Defined by specific configuration (Series 48V) |
| **Voltage Rating** | Optimized for industrial control voltages |
| **Package Style** | SIP (Single In-line Package) or R-Pack |
| **Tolerance** | Generally ±1% to ±5% |
| **Application** | Thermal printer head control, signal conditioning |
---
### 2. Key Electronic Features
The "48V" series parts are engineered for reliability in demanding environments.
* **Miniaturization:** By combining multiple resistors into a single "RRHA" package, it reduces the PCB footprint compared to using discrete SMD resistors.
* **Thermal Stability:** These parts are designed to maintain stable resistance even when subjected to the heat generated by industrial printing processes.
* **Integrated Protection:** In many "R" suffix versions, there is an emphasis on surge protection or specific impedance matching for data lines.
---
### 3. Common Use Cases
This component is most frequently found in:
1. **Industrial Thermal Printers:** Controlling the heating elements of the print head.
2. **Logic Boards:** Acting as pull-up or pull-down resistors for high-speed data buses.
3. **Power Management:** Serving as a voltage divider network for 24V or 48V DC systems.
---
### 4. Technical Identification
When replacing or repairing a board with this part, note the following:
* **The "-R" Suffix:** Usually denotes "RoHS Compliant," meaning the part is lead-free and meets modern environmental safety standards.
* **Orientation:** As a Single In-line Package (SIP), pin 1 is usually marked with a dot or square pad. Correct orientation is critical as these arrays often have a "common" pin.
---
- ⤷
What is the pin count for the 48V-1RRHA-R package?
- ⤷ Can this resistor array be substituted with discrete SMD resistors?
- ⤷ What is the typical power rating per element in this series?