48V-1RYH4-R
AI

The part number **48V-1RYH4-R** typically refers to a specialized **AC/DC Power Supply Module** or a specific high-density power converter component, often used in telecommunications, networking, or industrial computing environments.
Below is a technical breakdown of the electronic components and characteristics associated with this part.
---
### 1. General Specifications
This unit is designed to convert high-voltage input into a regulated 48V DC output, characterized by high efficiency and a compact form factor.
| Feature | Typical Specification |
| :--- | :--- |
| **Input Voltage** | 90V – 264V AC (Universal Input) |
| **Output Voltage** | 48V DC |
| **Configuration** | Rack-mountable or Integrated Module |
| **Cooling** | Forced Air (Internal Fan) or Conduction Cooled |
| **Safety Standards** | UL, CE, RoHS Compliant |
---
### 2. Key Internal Electronic Components
To achieve its power density, the module utilizes several critical sub-assemblies:
* **PFC Stage (Power Factor Correction):** Uses high-speed MOSFETs and inductors to ensure the current drawn is in phase with the voltage, reducing harmonic distortion.
* **DC-DC Converter Section:** Employs a resonant topology (like LLC) to minimize switching losses, allowing for high efficiency (often >92%).
* **Filtering Stage:** Includes "Y-Capacitors" and "X-Capacitors" alongside common-mode chokes to suppress Electromagnetic Interference (EMI).
* **Secondary Rectification:** Uses Schottky diodes or synchronous rectification (MOSFETs) to convert the high-frequency AC from the transformer back into stable 48V DC.
---
### 3. Protection Features
The "R" suffix in the part number often denotes **Redundancy** or **RoHS compliance**. The electronics include integrated circuits (ICs) for:
1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safety limits (e.g., 55V).
2. **OCP (Over Current Protection):** Prevents damage during a short circuit or overload.
3. **OTP (Over Temperature Protection):** Thermal sensors throttle power if the internal heatsinks get too hot.
---
### 4. Applications
| Sector | Usage Case |
| :--- | :--- |
| **Telecommunications** | Powering 48V Base Transceiver Stations (BTS). |
| **Data Centers** | Supplying power to 48V server racks (Open Compute Project standard). |
| **Industrial** | Driving high-torque 48V DC motors or PoE (Power over Ethernet) injectors. |
---
- ⤷
What is the maximum wattage or current rating for this specific model?
- ⤷ Is this part compatible with hot-swappable power shelves?
- ⤷ Can you provide the pinout diagram for the output connector?