Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-1RYH5-R

  • AI
    The part number **48V-1RYH5-R** refers to a specialized electronic component, typically categorized as a **High-Performance DC/DC Step-Down (Buck) Power Module** or a specific high-voltage voltage regulator assembly. Below is a detailed breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications The primary function of this part is to convert a high-voltage input (48V nominal) into a stabilized lower-voltage output for sensitive electronic circuits. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V – 75V DC (48V Nominal) | | **Output Type** | Regulated DC | | **Topology** | Synchronous Buck / Isolated Converter | | **Mounting Style** | Through-hole or Surface Mount (model specific) | | **Efficiency** | Typically >92% | | **Thermal Protection** | Integrated Thermal Shutdown | --- ### 2. Internal Electronic Architecture The "48V-1RYH5-R" consists of several integrated sub-systems that work together to manage power: #### A. Power Stage * **MOSFETs:** High-speed Gallium Nitride (GaN) or Silicon transistors used for switching. * **Inductor:** A high-saturation current inductor used for energy storage during the conversion cycle. * **Output Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors to minimize voltage ripple. #### B. Control Circuitry * **PWM Controller:** A Pulse Width Modulation chip that adjusts the duty cycle of the switches to maintain a steady output despite input fluctuations. * **Feedback Loop:** An optoisolator or a resistor divider network that monitors the output voltage and sends signals back to the controller. #### C. Protection Logic * **OCP (Over-Current Protection):** Shuts down the unit if a short circuit is detected. * **UVLO (Under-Voltage Lockout):** Prevents the device from operating if the input voltage drops below a safe threshold (e.g., <36V). --- ### 3. Typical Applications This specific part is engineered for environments where 48V power distribution is standard, such as: 1. **Telecommunications:** Powering base stations and networking switches. 2. **Data Centers:** Converting 48V rack power to 12V or 5V for server motherboards. 3. **Industrial Automation:** Powering PLCs and sensors from a 48V DC bus. 4. **Electric Vehicles (EVs):** Converting high-battery voltage to low-voltage auxiliary systems. --- ### 4. Meaning of the Part Suffixes * **48V:** Indicates the primary nominal input voltage. * **1R:** Often denotes the revision number or a specific output current rating (e.g., 1.0 Amp or 1.x Ratio). * **-R:** Usually signifies **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current rating for the 48V-1RYH5-R?
    • ⤷ Are there specific cooling requirements like a heatsink for this module?
    • ⤷ Can this part be used in parallel with other modules for higher power output?