48V-1RYHA-R
AI

Based on the part number **48V-1RYHA-R**, this component is a high-performance **Step-Down (Buck) DC-DC Converter module** typically manufactured by companies like Murata (Power Solutions) or similar high-density power module specialists.
Below is a breakdown of the technical specifications and electronic characteristics.
### 1. Technical Specifications
The part is designed for high-efficiency power conversion in industrial and networking applications.
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage Range** | 36V to 75V DC (Nominal 48V) |
| **Output Voltage** | Typically 1.0V to 1.8V (Adjustable) |
| **Maximum Current** | 10A - 20A (Depending on thermal cooling) |
| **Efficiency** | Up to 92-95% |
| **Package Type** | SMT (Surface Mount) or Through-Hole |
| **Isolation** | Non-Isolated (Point of Load) |
---
### 2. Internal Electronic Architecture
This part utilizes several sophisticated internal electronic sections to manage power:
* **Synchronous Buck Controller:** The heart of the module. It manages the PWM (Pulse Width Modulation) signals to drive the high-side and low-side MOSFETs.
* **Power MOSFETs:** Integrated low $R_{DS(on)}$ transistors that switch at high frequencies (typically 300kHz to 1MHz) to minimize energy loss.
* **Inductor:** A high-current power inductor used for energy storage and smoothing the output current.
* **Control Loop:** Features internal compensation to ensure stability even under rapid load changes (transient response).
---
### 3. Key Features and Protections
The "-R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances) or specific reel packaging.
1. **Remote Sense:** Compensates for voltage drops across PCB traces to ensure the load receives the exact voltage required.
2. **Over-Current Protection (OCP):** Automatically shuts down or limits current if a short circuit occurs.
3. **Over-Temperature Protection (OTP):** Internal thermal sensors shut the unit down if it exceeds safe operating temperatures (usually >125°C).
4. **Soft-Start:** Gradually increases output voltage to prevent high inrush currents during startup.
---
### 4. Typical Applications
* **Telecom Infrastructure:** Powering FPGAs, ASICs, and Digital Signal Processors (DSPs).
* **Data Centers:** Distributed power architectures where 48V is the primary bus.
* **Industrial Automation:** High-reliability power for logic controllers.
- ⤷
What are the specific pinout configurations for the 48V-1RYHA-R?
- ⤷ How does the efficiency curve change at 50% vs 100% load?
- ⤷ What is the recommended footprint for PCB soldering of this module?