48V-2RHF-R
AI

The part number **48V-2RHF-R** typically refers to a high-density, telecom-grade **DC-DC Converter module** or a specific high-voltage power relay/connector assembly. Most commonly, this nomenclature is associated with industrial power conversion components designed for 48V systems.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for this series, here are the primary electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Input Voltage** | 48V DC |
| **Input Range** | Typically 36V to 75V DC |
| **Configuration** | Dual Output / Redundant (indicated by "2R") |
| **Mounting Type** | Horizontal / Through-hole (HF) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
Understanding the alphanumeric code helps identify its function:
* **48V**: The nominal operating voltage. This is the standard for telecommunications and data center equipment.
* **2R**: Often signifies a "Dual" output or a "Redundancy" feature, meaning the part is designed for high-availability systems where power failure is not an option.
* **HF**: This usually refers to the physical form factor—**Horizontal** orientation with a **Flame-retardant** casing or "Halogen Free" materials.
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Common Applications
These components are critical in infrastructure where 48V power distribution is standard:
1. **Telecommunications**: Powering base stations and switching equipment.
2. **Data Centers**: Used in server racks and networking hardware (routers/switches).
3. **Industrial Automation**: Powering PLC (Programmable Logic Controller) systems and sensors.
4. **Electric Vehicles (EV)**: Used in auxiliary power modules for 48V mild-hybrid systems.
---
### 4. Electronic Composition
Internally, a module of this type usually consists of:
* **MOSFETs**: For high-speed switching and power regulation.
* **Transformers**: To provide galvanic isolation between input and output.
* **Control ICs**: Pulse Width Modulation (PWM) controllers to maintain a stable output voltage despite input fluctuations.
* **Capacitors**: High-temperature electrolytic or ceramic capacitors for ripple filtering.
---
- ⤷
What is the maximum current rating for the 48V-2RHF-R?
- ⤷ Are there specific pinout diagrams available for this module?
- ⤷ Can this part be used in automotive 48V mild-hybrid systems?