48V-2RRH5-R
AI

The **48V-2RRH5-R** is a specialized high-density power supply/rectifier module, typically used in telecommunications and data center infrastructure. These units are designed to convert AC power into a stable 48V DC output to power Remote Radio Heads (RRH) or base station equipment.
Below is an explanation of its core electronic components and technical architecture.
---
### 1. Technical Specifications Overview
This module is engineered for high efficiency and reliability in outdoor or uncontrolled environments.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 90V AC to 264V AC (Universal) |
| **Output Voltage** | Nominal 48V DC (Adjustable 42-58V) |
| **Efficiency** | >95% (Platinum/Titanium Grade) |
| **Cooling** | Forced Air (Internal High-RPM Fans) |
| **Form Factor** | Rack-mount / Hot-swappable |
---
### 2. Key Electronic Internal Components
#### A. Input Protection and Filtering (EMI/EMC)
* **MOV (Metal Oxide Varistors):** Protects the internal circuitry from high-voltage surges caused by lightning or grid switching.
* **Common Mode Chokes:** Filters out electromagnetic interference (EMI) to ensure the power supply doesn't interfere with radio signals.
#### B. Power Factor Correction (PFC) Stage
* **Active PFC Controller:** Ensures the input current is in phase with the voltage, reducing harmonic distortion.
* **High-Voltage MOSFETs:** Typically Gallium Nitride (GaN) or Silicon Carbide (SiC) in modern versions to minimize switching losses.
#### C. DC-DC Converter (Isolation Stage)
* **Planar Transformer:** Instead of traditional wire-wound transformers, these use PCB traces to handle high current in a low-profile design.
* **LLC Resonant Controller:** Allows for "Zero Voltage Switching" (ZVS), which drastically reduces heat generation and increases lifespan.
#### D. Control and Monitoring Logic
* **DSP (Digital Signal Processor):** Manages the real-time feedback loops for voltage regulation.
* **CAN-Bus / RS485 Interface:** Provides communication to the main system controller for telemetry (monitoring temperature, load, and health).
---
### 3. Protection Circuitry
The "RRH" designation implies use in critical telecom infrastructure, necessitating robust safety features:
1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds ~60V to prevent frying the radio head.
2. **Short Circuit Protection (SCP):** Uses a "hiccup mode" or constant current limiting to prevent fire during cable faults.
3. **Hot-Swap Controller:** Includes an "OR-ing" FET that allows the module to be plugged in or removed while the system is running without causing sparks or voltage dips.
---
### 4. Application Context
The **48V-2RRH5-R** is specifically designed to sit in a power shelf. The "R" usually denotes "Rectifier" or "Redundant," meaning it is meant to work in parallel with other modules ($N+1$ configuration) to ensure that if one unit fails, the 5G/LTE cell site remains operational.
- ⤷What is the maximum current output for this specific 48V model?
- ⤷ Can this module be used in an outdoor enclosure without additional cooling?
- ⤷ How do you configure the CAN-bus communication for telemetry?