48V-2RRH6-R
AI

The **48V-2RRH6-R** is a specific part number typically associated with high-performance cooling solutions, specifically **Centrifugal Blowers** manufactured by companies like **Delta Electronics** or **NMB Technologies**.
These fans are commonly used in telecommunications, server enclosures, and industrial power supplies where high static pressure is required to move air through dense components.
---
### 1. Technical Specifications Table
Based on the standard nomenclature for this part series, here are the primary electronic and mechanical specifications:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Nominal Voltage** | 48V DC | Designed for telecom and industrial grids. |
| **Voltage Range** | 36V – 75V DC | Operational range for fluctuations. |
| **Type** | DC Centrifugal Blower | Radial airflow design. |
| **Dimensions** | ~175mm to 225mm | Varies by sub-model; typically large format. |
| **Bearing Type** | Dual Ball Bearing | Ensures long MTBF (Mean Time Between Failures). |
| **Airflow** | High CFM | Optimized for high static pressure. |
| **Termination** | Lead Wires | Typically 4-wire (V+, GND, PWM, Tach). |
---
### 2. Key Electronic Components & Features
#### A. Integrated Drive Circuitry
Unlike AC fans, this unit contains a built-in **Brushless DC (BLDC) motor controller**. The internal PCB handles:
* **Electronic Commutation:** Replaces physical brushes with sensors (usually Hall Effect sensors) to switch current to the motor windings.
* **Soft Start:** Limits the inrush current when the fan first powers up to prevent voltage spikes on the system bus.
#### B. Control & Monitoring Pins (The 4-Wire System)
The "R" suffix often denotes specific signal outputs. Most 48V units of this type feature:
1. **PWM (Pulse Width Modulation) Input:** Allows the system (server or BTS) to control the fan speed dynamically based on temperature.
2. **Tachometer (Frequency Generator):** Outputs a square wave signal to the system controller to monitor the actual RPM and detect if the fan has stalled.
#### C. Protection Features
The internal electronics include several fail-safes:
* **Locked Rotor Protection:** Automatically cuts or pulses power if the fan is obstructed to prevent the motor coils from burning out.
* **Reverse Polarity Protection:** Prevents damage if the 48V and Ground wires are accidentally swapped.
* **Over-Voltage/Current Protection:** Shuts down the unit if the input power exceeds safe thresholds.
---
### 3. Common Applications
* **Telecom Base Stations:** Cooling RRH (Remote Radio Heads) or BBU (Baseband Units).
* **Data Center Servers:** High-density 1U/2U rack cooling.
* **Industrial Inverters:** Cooling for large scale 48V solar or battery storage systems.
---
- ⤷
What is the pinout configuration for the 4-wire connector on this model?
- ⤷ How do I calculate the power consumption in Watts based on the 48V rating?
- ⤷ Can this fan be operated at a lower voltage like 24V?