Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-2RVB-R

  • AI
    The **48V-2RVB-R** is a specific model identifier typically associated with **industrial battery chargers** or **power conversion modules**, often used in telecommunications, material handling (electric forklifts), or renewable energy storage systems. Below is an explanation of the electronic components and architecture typical for this class of device. --- ## 1. Core Technical Specifications The model name generally breaks down into its functional parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100V - 240V AC | Wide-range universal AC input. | | **Output Voltage** | 48V DC | Nominal voltage for telecommunications or 48V lead-acid/lithium banks. | | **Topology** | Switched-Mode Power Supply (SMPS) | High-frequency switching for efficiency. | | **Cooling** | Forced Air / Passive | Usually equipped with fans or large heat sinks. | --- ## 2. Key Electronic Component Sections The internal circuitry of a 48V-2RVB-R unit is divided into several functional blocks: ### A. Input Rectification & Filtering * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. * **PFC (Power Factor Correction) Stage:** Includes a boost inductor and high-voltage MOSFETs to improve efficiency and reduce harmonic distortion. * **Bulk Capacitors:** Large electrolytic capacitors (usually rated for 450V) to smooth the DC bus. ### B. Switching & Transformation * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a stable 48V output. * **Power MOSFETs/IGBTs:** Fast-switching transistors that chop the DC into high-frequency pulses. * **High-Frequency Transformer:** Provides galvanic isolation between the AC mains and the 48V output while stepping down the voltage. ### C. Output Rectification & Regulation * **Schottky Diodes / Synchronous Rectifiers:** Used on the secondary side to convert the high-frequency AC back to 48V DC with minimal heat loss. * **Output Filter Inductors/Capacitors:** LC filters that remove high-frequency ripples to provide clean DC power. ### D. Protection Circuitry * **Varistors (MOV):** Protects the board from input voltage surges. * **Current Shunt:** Monitors output current to prevent over-current or short-circuit damage. * **NTC Thermistors:** Monitor the temperature of the heat sinks to trigger thermal shutdown or adjust fan speed. --- ## 3. Communication and Interface Modern units like the 2RVB series often feature digital control interfaces: * **RS485 / CAN Bus:** Allows the charger to communicate with a Battery Management System (BMS). * **LED Indicators:** Visual status for Power, Charging, and Fault. * **Potentiometers:** Small adjustable resistors inside the unit used to fine-tune the "Float" and "Boost" voltage levels. --- ## 4. Typical Applications * **Telecom Base Stations:** Powering 48V radio equipment and backup batteries. * **Electric Vehicles (EV):** Charging 48V golf carts or small utility tugs. * **Off-Grid Solar:** Acting as a mains-powered backup charger for 48V battery banks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48V-2RVB-R model?
    • ⤷ Can this unit be used to charge Lithium Iron Phosphate (LiFePO4) batteries?
    • ⤷ How do I troubleshoot a 'Fault' light on this specific power module?