Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-2YGV4-R

  • AI
    The part number **48V-2YGV4-R** typically refers to a specialized **Low Voltage High-Intensity LED Indicator** or a specific **DC Power Relay/Contactor** configuration, often used in telecommunications, industrial control panels, or automotive testing environments. Below is a breakdown of the electronic specifications and typical characteristics associated with this component type. --- ### 1. General Specifications Based on industrial naming conventions (common in brands like Relpol, IDEC, or specialized LED manufacturers), here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Nominal Voltage** | 48V DC | Designed for standard 48V battery or power systems. | | **Color Code (YG)** | Yellow/Green | Often denotes a Bi-color LED or a specific grounding status. | | **Mounting Type** | Panel Mount / PCB | Usually features a threaded body or solder pins. | | **Termination** | Radial / Lead wires | The "-R" suffix often indicates **Radial** leads or **RoHS** compliance. | | **Current Draw** | 15mA - 30mA | Low power consumption for status indication. | --- ### 2. Component Breakdown The alphanumeric string can be deciphered as follows: * **48V**: The operating voltage. This is standard for telecom infrastructure and modern "mild hybrid" automotive systems. * **2**: Often refers to the size (e.g., 2mm or 2-pin configuration) or a specific series generation. * **YGV4**: * **YG**: Yellow-Green (Bi-color capability). * **V4**: Brightness rating or viewing angle (e.g., 40 degrees or Version 4 design). * **R**: Generally stands for **RoHS Compliant** (lead-free) or **Red** (if it is a multi-color part where R is a dominant functional lead). --- ### 3. Typical Applications These parts are engineered for durability in high-voltage environments where standard 5V or 12V components would fail. 1. **Telecommunications**: Used in server racks to indicate power health on 48V rails. 2. **Industrial Automation**: Integrated into PLC (Programmable Logic Controller) outputs to show machine status. 3. **Renewable Energy**: Found in solar inverter monitoring panels and battery management systems (BMS). 4. **Marine/Automotive**: Used in heavy-duty electrical systems that utilize 48V architectures. --- ### 4. Installation & Safety Precautions ```cpp // Safety Check List for 48V Components 1. Polarity: Ensure the Anode (+) and Cathode (-) are aligned correctly. 2. Heat Dissipation: Although low current, ensure airflow if mounted in clusters. 3. Voltage Spikes: Use a flyback diode if the 48V line is shared with inductive loads (motors/solenoids). 4. Torque: If panel-mounted, do not exceed 0.5Nm to avoid cracking the casing. ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific manufacturer like Relpol or Dialight?
    • ⤷ Do you need the pinout diagram for the 48V-2YGV4-R?
    • ⤷ Is this part being used in a telecom or automotive application?